Electronic Components Datasheet Search
  English  ▼

X  

AD5162 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5162
Description  Dual 256-Position SPI Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5162 Datasheet HTML 12Page - Analog Devices AD5162 Datasheet HTML 13Page - Analog Devices AD5162 Datasheet HTML 14Page - Analog Devices AD5162 Datasheet HTML 15Page - Analog Devices AD5162 Datasheet HTML 16Page - Analog Devices AD5162 Datasheet HTML 17Page - Analog Devices AD5162 Datasheet HTML 18Page - Analog Devices AD5162 Datasheet HTML 19Page - Analog Devices AD5162 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5162
Rev. A | Page 17 of 20
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA
Figure 44. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (Ω)
Temperature
Package Description
Package Option
Branding
AD5162BRM2.5
2.5 k
–40°C to +125°C
MSOP-10
RM-10
D0Q
AD5162BRM2.5-RL7
2.5 k
–40°C to +125°C
MSOP-10
RM-10
D0Q
AD5162BRM10
10 k
–40°C to +125°C
MSOP-10
RM-10
D0R
AD5162BRM10-RL7
10 k
–40°C to +125°C
MSOP-10
RM-10
D0R
AD5162BRM50
50 k
–40°C to +125°C
MSOP-10
RM-10
D0S
AD5162BRM50-RL7
50 k
–40°C to +125°C
MSOP-10
RM-10
D0S
AD5162BRM100
100 k
–40°C to +125°C
MSOP-10
RM-10
D0T
AD5162BRM100-RL7
100 k
–40°C to +125°C
MSOP-10
RM-10
D0T
AD5162EVAL
See Note 1
Evaluation Board
1The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com