Electronic Components Datasheet Search
  English  ▼

X  

AD5531 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5531
Description  Serial Input, Voltage Output 12-/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5531 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5531 Datasheet HTML 2Page - Analog Devices AD5531 Datasheet HTML 3Page - Analog Devices AD5531 Datasheet HTML 4Page - Analog Devices AD5531 Datasheet HTML 5Page - Analog Devices AD5531 Datasheet HTML 6Page - Analog Devices AD5531 Datasheet HTML 7Page - Analog Devices AD5531 Datasheet HTML 8Page - Analog Devices AD5531 Datasheet HTML 9Page - Analog Devices AD5531 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
–6–
AD5530/AD5531
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5530/AD5531 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Resolution
INL (LSBs)
DNL(LSBs)
Package Option
*
AD5530BRU –40
°C to +85 °C12
±1
±1
RU-16
AD5531BRU –40
°C to +85 °C14
±2
±1
RU-16
*RU = Thin Shrink Small Outline Package.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –17 V
Digital Inputs to GND . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
SDO to GND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.5 V
REFIN to REFAGND . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
REFIN to GND . . . . . . . . . . . . . . . . VSS – 0.3 V, VDD +0.3 V
REFAGND to GND . . . . . . . . . . . . . VSS – 0.3 V, VDD +0.3 V
DUTGND to GND . . . . . . . . . . . . . . VSS – 0.3 V, VDD +0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . . . 150
°C
Package Power Dissipation . . . . . . . . . . . . . . (TJ MAX – TA)/
θJA
Thermal Impedance
θ
JA
TSSOP (RU-16) . . . . . . . . . . . . . . . . . . . . . . . . 150.4
°C/W
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (< 20 sec) . . . . . . . . . . . . 235
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
16
1
REFAGND
VDD
15
REFIN
VOUT
2
14
LDAC
DUTGND
3
13
SDIN
VSS
4
12
SYNC
NC
5
11
RBEN
GND
6
10
SCLK
PD
7
9
SDO
CLR
8
AD5530/
AD5531
TOP VIEW
(Not to Scale)
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com