Electronic Components Datasheet Search
  English  ▼

X  

AD5531 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5531
Description  Serial Input, Voltage Output 12-/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5531 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5531 Datasheet HTML 3Page - Analog Devices AD5531 Datasheet HTML 4Page - Analog Devices AD5531 Datasheet HTML 5Page - Analog Devices AD5531 Datasheet HTML 6Page - Analog Devices AD5531 Datasheet HTML 7Page - Analog Devices AD5531 Datasheet HTML 8Page - Analog Devices AD5531 Datasheet HTML 9Page - Analog Devices AD5531 Datasheet HTML 10Page - Analog Devices AD5531 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD5530/AD5531
–7–
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint linearity is a measure of the maximum
deviation, in LSBs, from a straight line passing through the end-
points of the DAC transfer function.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB maximum
ensures monotonicity.
Zero-Scale Error
Zero-scale error is a measure of the output error when all 0s are
loaded to the DAC latch.
Full-Scale Error
This is the error in DAC output voltage when all 1s are loaded
into the DAC latch. Ideally the output voltage, with all 1s loaded
into the DAC latch, should be 2 VREF – 1 LSB.
Gain Error
Gain error is the difference between the actual and ideal analog
output range, expressed as a percent of the full-scale range. It is the
deviation in slope of the DAC transfer characteristic from ideal.
Output Voltage Settling Time
This is the amount of time it takes for the output to settle to a
specified level for a full-scale input change.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is specified as the area of the glitch in nV-s and is mea-
sured when the digital input code is changed by 1 LSB at the
major carry transition.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC, but
is measured when the DAC output is not updated. It is specified
in nV-s and is measured with a full-scale code change on the data
bus, i.e., from all 0s to all 1s and vice versa.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
REFAGND
For bipolar
±10 V output range, this pin should be tied to 0 V.
2
REFIN
This is the voltage reference input for the DAC. Connect to external +5 V reference for specified bipolar
±10 V output.
3
LDAC
Load DAC logic input (active low). When taken low, the contents of the shift register are transferred to
the DAC register.
LDAC may be tied permanently low enabling the outputs to be updated on the rising
edge of
SYNC.
4
SDIN
Serial data input. This device accepts 16-bit words. Data is clocked into the input register on the falling
edge of SCLK.
5
SYNC
Active low control input. Data is clocked into the shift requester on the falling edges of SCLK.
6
RBEN
Active low readback enable function. This function allows the contents of the DAC register to be read.
Data from the DAC register will be shifted out on SDO pin on each rising edge of SCLK.
7
SCLK
Clock input. Data is clocked into the input register on the falling edge of SCLK.
8
SDO
Serial data out. This pin is used to clock out the serial data previously written to the input shift register or
may be used in conjunction with
RBEN to read back the data from the DAC register. This is an open
drain output; it should be pulled high with an external pull-up resistor. In standalone mode, SDO should
be tied to GND or left high impedance.
9
CLR
Level sensitive, active low input. A falling edge of
CLR resets V
OUT to DUTGND. The contents of the
registers are untouched.
10
PD
This allows the DAC to be put into a power-down state.
11
GND
Ground reference
12
NC
Do not connect anything to this pin.
13
VSS
Negative analog supply voltage, –12 V
±10% or –15 V ±10% for specified performance.
14
DUTGND
VOUT is referenced to the voltage applied to this pin.
15
VOUT
DAC output
16
VDD
Positive analog supply voltage, +12 V
±10% or +15 V ±10% for specified performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com