Electronic Components Datasheet Search
  English  ▼

X  

AD5531 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5531
Description  Serial Input, Voltage Output 12-/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5531 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5531 Datasheet HTML 7Page - Analog Devices AD5531 Datasheet HTML 8Page - Analog Devices AD5531 Datasheet HTML 9Page - Analog Devices AD5531 Datasheet HTML 10Page - Analog Devices AD5531 Datasheet HTML 11Page - Analog Devices AD5531 Datasheet HTML 12Page - Analog Devices AD5531 Datasheet HTML 13Page - Analog Devices AD5531 Datasheet HTML 14Page - Analog Devices AD5531 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD5530/AD5531
–11–
REFIN
REFAGND
VOUT
GND
DUTGND
AD5530/
AD5531*
VOUT
VSS
AD586
SIGNAL
GND
C1
1 F
SIGNAL
GND
–15V
VOUT
(–10V TO +10V)
2
6
5
4
8
*ADDITIONAL PINS OMITTED FOR CLARITY
+15V
R1
10k
Figure 5. Bipolar
±10 V Operation
2 REFIN
–2 REFIN
0V
DAC INPUT CODE 000 001
(3)FFF
Figure 6. Output Voltage vs. DAC Input Codes (Hex)
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5530/AD5531 is via a serial
bus that uses standard protocol compatible with microcontrollers
and DSP processors. The communications channel is a 3-wire
(minimum) interface consisting of a clock signal, a data signal,
and a synchronization signal. The AD5530/AD5531 requires a
16-bit data word with data valid on the falling edge of SCLK.
For all the interfaces, the DAC output update may be done
automatically when all the data is clocked in or asynchronously
under the control of
LDAC.
The contents of the DAC register may be read using the readback
function.
RBEN is used to frame the readback data, which is
clocked out on SDO. The following figures illustrate these DACs
interfacing with a simple 4-wire interface. The serial interface of
the AD5530/AD5531 may be operated from a minimum of
three wires.
AD5530/AD5531 to ADSP-21xx
An interface between the AD5530/AD5531 and the ADSP-21xx
is shown in Figure 7. In the interface example shown, SPORT0
is used to transfer data to the DAC. The SPORT control regis-
ter should be configured as follows: internal clock operation,
alternate framing mode; active low framing signal.
Transmission is initiated by writing a word to the Tx register
after the SPORT has been enabled. As the data is clocked out of
the DSP on the rising edge of SCLK, no glue logic is required to
interface the DSP to the DAC. In the interface shown, the DAC
output is updated using the
LDAC pin via the DSP. Alternatively,
the
LDAC input could be tied permanently low and then the
update takes place automatically when TFS is taken high.
AD5530/
AD5531*
SCLK
SDIN
SYNC
TFS
DT
SCLK
ADSP-2101/
ADSP-2103*
*ADDITIONAL PINS OMITTED FOR CLARITY
LDAC
FO
Figure 7. AD5530/AD5531 to ADSP-21xx Interface
AD5530/AD5531 to 8051 Interface
A serial interface between the AD5530/AD5531 and the 8051 is
shown in Figure 8. TXD of the 8051 drives SCLK of the AD5530/
AD5531, while RXD drives the serial data line, SDIN. P3.3 and
P3.4 are bit-programmable pins on the serial port and are used
to drive
SYNC and LDAC respectively.
The 8051 provides the LSB of its SBUF register as the first bit in
the data stream. The user will have to ensure that the data in the
SBUF register is arranged correctly as the DAC expects MSB first.
AD5530/
AD5531*
SCLK
SDIN
SYNC
P3.3
RXD
TXD
80C51/80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY
LDAC
P3.4
Figure 8. AD5530/AD5531 to 8051 Interface
When data is to be transmitted to the DAC, P3.3 is taken low.
Data on RXD is clocked out of the microcontroller on the rising
edge of TXD and is valid on the falling edge. As a result no glue
logic is required between this DAC and microcontroller interface.
The 8051 transmits data in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. As the DAC expects a
16-bit word, P3.3 must be left low after the first 8 bits are transferred.
After the second byte has been transferred, the P3.3 line is taken
high. The DAC may be updated using
LDAC via P3.4 of the 8051.
AD5530/AD5531 to MC68HC11 Interface
Figure 9 shows an example of a serial interface between the
AD5530/AD5531 and the MC68HC11 microcontroller. SCK
of the 68HC11 drives the SCLK of the DAC, while the MOSI
output drives the serial data lines, SDIN.
SYNC is driven from
one of the port lines, in this case PC7.
AD5530/
AD5531*
SCLK
SDIN
SYNC
PC7
MOSI
SCK
MC68HC11*
*ADDITIONAL PINS OMITTED FOR CLARITY
LDAC
PC6
Figure 9. AD5530/AD5531 to MC68HC11 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com