Electronic Components Datasheet Search
  English  ▼

X  

AM29LV640MU Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM29LV640MU
Description  64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MU Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM29LV640MU Datasheet HTML 48Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 49Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 50Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 51Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 52Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 53Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 54Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 55Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
June 12, 2003
Am29LV640MU
51
AD V A NCE
INF O R M A T IO N
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC. Programming specifications assume
that all bits are programmed to 00h.
2. Maximum values are measured at VCC = 3.0 V, worst case temperature. Maximum values are valid up to and including 100,000
program/erase cycles.
3. Word/Byte programming specification is based upon a single word/byte programming operation not utilizing the write buffer.
4. For 1-16 words or 1-32 bytes programmed ina single write buffer programming operation.
5. Effective write buffer specification is calculated on a per-word/per-byte basis for a 16-word/32-byte write buffer operation.
6. In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
7. System-level overhead is the time required to execute the command sequence(s) for the program command. See Tables 12 and
11 for further information on command definitions.
8. The device has a minimum erase and program cycle endurance of 100,000 cycles.
LATCHUP CHARACTERISTICS
Note: Includes all pins except V
CC. Test conditions: VCC = 3.0 V, one pin at a time.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.5
15
sec
Chip Erase Time
32
128
sec
Single Word/Byte Program Time (Note 3)
Byte
100
TBD
µs
Word
100
TBD
µs
Accelerated Single Word/Byte Program Time
(Note 3)
Byte
90
TBD
µs
Word
90
TBD
µs
Total Write Buffer Program Time (Note 4)
352
TBD
µs
Effective Write Buffer Program Time (Note 5)
Per Byte
11
TBD
µs
Per Word
22
TBD
µs
Total Accelerated Effective Write Buffer
Program Time (Note 4)
282
TBD
µs
Effective Accelerated Write Buffer PRogram
Time (Note 4)
Byte
8.8
TBD
µs
Description
Min
Max
Input voltage with respect to V
SS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to V
SS on all I/O pins
–1.0 V
V
CC + 1.0 V
V
CC Current
–100 mA
+100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com