Electronic Components Datasheet Search
  English  ▼

X  

ATR0610 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0610
Description  2.7 V GPS LOW NOISE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0610 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0610 Datasheet HTML 1Page - ATMEL Corporation ATR0610 Datasheet HTML 2Page - ATMEL Corporation ATR0610 Datasheet HTML 3Page - ATMEL Corporation ATR0610 Datasheet HTML 4Page - ATMEL Corporation ATR0610 Datasheet HTML 5Page - ATMEL Corporation ATR0610 Datasheet HTML 6Page - ATMEL Corporation ATR0610 Datasheet HTML 7Page - ATMEL Corporation ATR0610 Datasheet HTML 8Page - ATMEL Corporation ATR0610 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features
• Low Noise Figure
• High Small Signal Gain
• Single +2.7 V Operation
• Power-up Control
• 50
Ω Output
• Unconditionally Stable
Benefits
• Low Power Consumption < 10 mW
• Very Small, PLLP6 Package (1.6 mm
× 2.0 mm)
• Few External Components
Electrostatic sensitive device.
Observe precautions for handling.
Description
The ATR0610 is a 2.7-V GPS low-noise amplifier IC designed for use in GPS applica-
tions. It uses a SiGe HBT die. The IC is 50-
W matched on the output allowing the
device to be used with minimal external circuitry. Its RF performance meets the
requirements for products designed to the GPS standard.
The ATR0610 gives excellent RF performance with low current consumption resulting
in longer battery life times. The package has a small 1.6 mm
´ 2.0 mm footprint to
allow use in compact GPS receiver design.
Figure 1. Block Diagram
RF-Input
RF-Output
PU Mode
PD Mode
GND
VCC
PU
ATR0610
Cshunt = 1.5 pF
Cblock = 1 nF
Lseries = 3.9 nH
2.7-V GPS
Low-noise
Amplifier
ATR0610
Preliminary
Rev. 4573C–GPS–02/03


Similar Part No. - ATR0610

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0610 ATMEL-ATR0610 Datasheet
540Kb / 15P
2.7-V GPS Low-noise Amplifier
ATR0610-PQQ ATMEL-ATR0610-PQQ Datasheet
540Kb / 15P
2.7-V GPS Low-noise Amplifier
ATR0610 ATMEL-ATR0610_06 Datasheet
540Kb / 15P
2.7-V GPS Low-noise Amplifier
More results

Similar Description - ATR0610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
ATMEL Corporation
ATR0610 ATMEL-ATR0610_06 Datasheet
540Kb / 15P
2.7-V GPS Low-noise Amplifier
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
logo
Skyworks Solutions Inc.
SKY65066-360LF SKYWORKS-SKY65066-360LF Datasheet
265Kb / 11P
2.3-2.7 GHz Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com