Electronic Components Datasheet Search
  English  ▼

X  

ATR0610 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0610
Description  2.7 V GPS LOW NOISE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0610 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0610 Datasheet HTML 1Page - ATMEL Corporation ATR0610 Datasheet HTML 2Page - ATMEL Corporation ATR0610 Datasheet HTML 3Page - ATMEL Corporation ATR0610 Datasheet HTML 4Page - ATMEL Corporation ATR0610 Datasheet HTML 5Page - ATMEL Corporation ATR0610 Datasheet HTML 6Page - ATMEL Corporation ATR0610 Datasheet HTML 7Page - ATMEL Corporation ATR0610 Datasheet HTML 8Page - ATMEL Corporation ATR0610 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
ATR0610
4573C–GPS–02/03
Measurement Results
Matched Device
(see Figure 1)
Figure 2. Gain and Maximum Available Gain
Figure 3. Input and Output Return Loss
Figure 4. Reverse Transfer Function
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
500
1000
1500
2000
2500
3000
f (MHz)
Gmax
Gain
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0
500
1000
1500
2000
2500
3000
f (MHz)
RLout
RLin
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com