Electronic Components Datasheet Search
  English  ▼

X  

ATR0610 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0610
Description  2.7 V GPS LOW NOISE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0610 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0610 Datasheet HTML 2Page - ATMEL Corporation ATR0610 Datasheet HTML 3Page - ATMEL Corporation ATR0610 Datasheet HTML 4Page - ATMEL Corporation ATR0610 Datasheet HTML 5Page - ATMEL Corporation ATR0610 Datasheet HTML 6Page - ATMEL Corporation ATR0610 Datasheet HTML 7Page - ATMEL Corporation ATR0610 Datasheet HTML 8Page - ATMEL Corporation ATR0610 Datasheet HTML 9Page - ATMEL Corporation ATR0610 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ATR0610
4573C–GPS–02/03
Figure 6. Gain versus Blocker at 1710 MHz (Compression)
1560
0.257
73.3
6.77
8.313904
0.0320
-76.5
0.207
-1.0
2.2
1620
0.180
59.1
6.58
-8.583069
0.0355
-93.7
0.202
-46.0
2.1
1680
0.175
46.3
6.79
-22.98477
0.0281
-107.7
0.268
-62.3
2.5
1740
0.160
3.9
6.78
-40.46539
0.0263
-103.6
0.358
-81.5
2.4
1800
0.152
-43.9
6.33
-57.3143
0.0297
-112.5
0.411
-101.3
2.2
1860
0.187
-77.9
5.95
-73.04535
0.0288
-121.8
0.453
-116.8
2.2
1920
0.249
-104.8
5.58
-87.41135
0.0310
-132.7
0.471
-129.8
2.1
1980
0.314
-122.7
5.15
-100.7899
0.0285
-142.7
0.487
-139.2
2.3
2040
0.389
-137.6
4.71
-114.63
0.0307
-154.3
0.492
-150.3
2.1
2100
0.450
-151.0
4.33
-127.6309
0.0305
-171.1
0.476
-156.8
2.2
2160
0.514
-162.2
3.99
-138.8933
0.0328
175.1
0.452
-162.0
2.1
2220
0.564
-172.4
3.71
-151.1952
0.0333
148.3
0.443
-152.8
2.1
2280
0.621
179.3
3.45
-166.5967
0.0205
110.4
0.645
-158.2
2.5
2340
0.678
169.7
3.08
-178.6954
0.0100
118.3
0.708
-173.7
4.1
2400
0.722
160.6
2.66
170.4748
0.0071
129.9
0.722
175.9
5.7
2460
0.762
152.2
2.39
158.4146
0.0056
136.8
0.738
167.1
6.7
2520
0.793
144.0
2.14
148.5269
0.0042
129.5
0.742
158.8
8.7
2580
0.821
136.5
1.87
139.0457
0.0047
134.1
0.750
151.3
7.5
2640
0.839
129.4
1.65
127.6694
0.0032
158.1
0.762
143.8
11.3
2700
0.857
122.3
1.50
118.4024
0.0048
168.3
0.768
136.4
6.9
2760
0.876
115.8
1.30
109.0173
0.0047
173.3
0.774
129.3
7.1
2820
0.886
109.5
1.13
98.04062
0.0056
-171.8
0.775
121.4
6.3
2880
0.900
103.2
0.99
88.75305
0.0058
-173.3
0.775
113.9
6.2
2940
0.908
97.4
0.84
80.06287
0.0069
175.4
0.775
106.6
5.6
3000
0.914
91.3
0.71
69.79065
0.0086
167.6
0.761
98.8
5.2
Table 1. Measured Scattering Parameters of Matched Device
(Given as Linear Magnitude and Phase in Degree) (Continued)
f /MHz
|S11|
ϕ(S11)
|S21|
ϕ(S21)
|S12|
ϕ(S12)
|S22|
ϕ(S22)
K Factor
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-50
-40
-30
-20
-10
0
10
CW blocking power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com