Electronic Components Datasheet Search
  English  ▼

X  

VO3021 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO3021
Description  Optocoupler, Phototriac Output, 400 VDRM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3021 Datasheet(HTML) 2 Page - Vishay Siliconix

  VO3021 Datasheet HTML 1Page - Vishay Siliconix VO3021 Datasheet HTML 2Page - Vishay Siliconix VO3021 Datasheet HTML 3Page - Vishay Siliconix VO3021 Datasheet HTML 4Page - Vishay Siliconix VO3021 Datasheet HTML 5Page - Vishay Siliconix VO3021 Datasheet HTML 6Page - Vishay Siliconix VO3021 Datasheet HTML 7Page - Vishay Siliconix VO3021 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VO3020, VO3021, VO3022, VO3023
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 09-Sep-13
2
Document Number: 84132
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Fig. 1 - Total Power Dissipation vs. Ambient Temperature
(IR-Diode)
Fig. 2 - Total Power Dissipation vs. Ambient Temperature
(Phototriac)
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
50
mA
Peak surge current
100 μs, 200 pps
IFSM
0.5
A
Power dissipation
Pdiss
70
mW
OUTPUT
Peak off-state voltage
VDRM
400
V
RMS on-state current
IT(RMS)
1A
Peak non-repetitive surge current
PW = 100 ms, 120 pps
ITSM
1A
Power dissipation
Pdiss
300
mW
COUPLER
Isolation voltage
t = 1 min
VISO
5000
VRMS
Total power dissipation
Ptot
330
mW
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature
Tamb
- 40 to + 100
°C
Lead soldering temperature (1)
2 mm from case, t < 10 s
Tsld
260
°C
Junction temperature
Tj
125
°C
0
20
40
60
80
100
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)
IR-diode
0
50
100
150
200
250
300
350
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)
Phototriac



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com