Electronic Components Datasheet Search
  English  ▼

X  

VO3021 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO3021
Description  Optocoupler, Phototriac Output, 400 VDRM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3021 Datasheet(HTML) 4 Page - Vishay Siliconix

  VO3021 Datasheet HTML 1Page - Vishay Siliconix VO3021 Datasheet HTML 2Page - Vishay Siliconix VO3021 Datasheet HTML 3Page - Vishay Siliconix VO3021 Datasheet HTML 4Page - Vishay Siliconix VO3021 Datasheet HTML 5Page - Vishay Siliconix VO3021 Datasheet HTML 6Page - Vishay Siliconix VO3021 Datasheet HTML 7Page - Vishay Siliconix VO3021 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VO3020, VO3021, VO3022, VO3023
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 09-Sep-13
4
Document Number: 84132
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Reverse Voltage vs. Ambient Temperature
Fig. 5 - On-State Current vs. On-State Voltage
Fig. 6 - Off-State Leakage Current vs. Ambient Temperature
Fig. 7 - Normalized Trigger Current vs. Ambient Temperature
Fig. 8 - Turn-On Time vs. Trigger Current
1
10
100
0.8
1
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = - 25°C
T
amb = 50 °C
T
amb = 0 °C
T
amb = 75 °C
T
amb = 100 °C
T
amb = 25
°C
T
amb = - 40 °C
0
20
40
60
80
100
- 40
- 20
40
60
80
100
T
Amb - Ambient Temperature(°C)
20
0
- 75
- 50
- 25
0
25
50
75
100
- 100
- 2.5 - 2 - 1.5 - 1 - 0.5 0
0.5
1
1.5
2
2.5
V
TM - On-State Voltage (V)
0.001
0.01
0.1
1
10
- 40 - 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
0.5
0.7
0.9
1.1
1.3
1.5
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
1.0
10.0
100.0
0
10
20
30
40
50
I
FT - Trigger Current (mA)
V
L = 7 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com