Electronic Components Datasheet Search
  English  ▼

X  

VO3021 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO3021
Description  Optocoupler, Phototriac Output, 400 VDRM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3021 Datasheet(HTML) 3 Page - Vishay Siliconix

  VO3021 Datasheet HTML 1Page - Vishay Siliconix VO3021 Datasheet HTML 2Page - Vishay Siliconix VO3021 Datasheet HTML 3Page - Vishay Siliconix VO3021 Datasheet HTML 4Page - Vishay Siliconix VO3021 Datasheet HTML 5Page - Vishay Siliconix VO3021 Datasheet HTML 6Page - Vishay Siliconix VO3021 Datasheet HTML 7Page - Vishay Siliconix VO3021 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VO3020, VO3021, VO3022, VO3023
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 09-Sep-13
3
Document Number: 84132
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
(1) Test voltage must be applied within dV/dt ratings.
(2) IFT is defined as a minimum trigger current.
Notes
• As per DIN EN 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of protective circuits.
(1) 400 mil, option 6 only
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.3
1.5
V
Reverse voltage
IR = 10 μA
VR
6V
Reverse current
VR = 6 V
IR
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
OUTPUT
Peak off-state current,
either direction
VDRM = 400 V (1)
IDRM
10
100
nA
Peak off-state voltage,
either direction
ITM = 100 mA
VTM
1.7
3
V
Critical rate of rise of off-state
voltage
IF = 0 A, VD = 0.67 VDRM
dV/dtcr
100
V/μs
COUPLER (2)
Emitting diode trigger current
VS = 3 V, RL = 150
Ω
VO3020
IFT
15
30
mA
VO3021
IFT
815
mA
VO3022
IFT
510
mA
VO3023
IFT
35
mA
Holding current
IF = 10 mA, VS
≥ 3 V
IH
200
μA
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
MAXIMUM SAFETY RATINGS
Output safety power
PSO
700
mW
Input safety current
Isi
400
mA
Safety temperature
TS
175
°C
Comparative tracking index
CTI
175
INSULATION RATED PARAMETERS
Maximum withstanding isolation voltage
VISO
5000
VRMS
Maximum transient isolation voltage
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
890
Vpeak
VIORM
1140 (1)
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
1012
Ω
Isolation resistance
Tamb = 100 °C, VDC = 500 V
RIO
1011
Ω
Climatic classification (according to IEC 68 part 1)
55/115/21
Environment (pollution degree in accordance to DIN VDE 0109)
2
Creepage distance (standard DIP-6)
≥ 7mm
Creepage distance (400 mil DIP-6)
≥ 8mm
Clearance distance (standard DIP-6)
≥ 7mm
Clearance distance (400 mil DIP-6)
≥ 8mm
Insulation thickness
DTI
≥ 0.4
mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com