Electronic Components Datasheet Search
  English  ▼

X  

AN2521 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 4Page - STMicroelectronics AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Test results
AN2521
8/33
2
Test results
2.1
Efficiency measurements at full load, tracking boost option
(TBO)
The following table and diagrams show the single converter and overall efficiency measured
at different input voltages. These measurements are performed with nominal load (4 A).
Figure 3.
EVAL6668-75W global efficiency measurements at full load
In Table 2 the ENERGY STAR efficiency measurements are shown. The average of the two
mains voltage inputs in four different load conditions is compliant with the target requirement
(better than 84%).
Table 1.
Efficiency measurements at full load using the TBO function
Vinac
Efficiency
PFC
dc-dc
Global
90 [V]
93.63%
89.83%
84.11%
115 [V]
95.62%
89.07%
85.17% (1)
1.
Compliant to CEC, EU-COC, regulation. In Table 1 and Figure 3 the single converter efficiency
measurement is shown. Thanks to the very good efficiency of any single block the overall efficiency is very
high too, especially if we compare this data with similar converters using a double stage and a flyback
topology as downstream converter.
230 [V]
97.84%
89.81%
87.87% (1)
265 [V]
97.53%
89.06%
86.86%
Table 2.
ENERGY STAR compliance
ENERGY STAR efficiency
Vinac
1 A
2 A
3 A
4 A
Average
115 [V]
85.26%
86.32%
86.28%
85.17%
85.75%
230 [V]
83.4%
85.2%
86.74%
87.87%
85.8%
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
90
115
230
265
Vin [Vrms]
WITH TBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com