Electronic Components Datasheet Search
  English  ▼

X  

AN2521 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Test results
AN2521
10/33
Figure 5.
EVAL6668-75W PFC output voltage vs. ac input voltage
In Figure 5 we can see that the PFC output voltage variation vs. the ac input voltage (i.e. the
input voltage for the flyback stage) is dependent on the input mains voltage, but its range is
narrower than a wide range input. Thus the design of the flyback converter is not completely
optimized as with a standard PFC delivering a stable 400 V output, but its design is much
simpler than that of a wide range flyback. Additionally, the PFC converter using the TBO,
with its lower differential voltage across the inductor and lower current ripple, will have lower
RMS current and therefore better efficiency at low mains, where normally the efficiency of
typical PFCs is lower. The result is a global efficiency of the circuit that will be higher than
that of a fixed output voltage one circuit, especially at lower mains. Most of the power
dissipation will not be concentrated on the PFC only but will be shared with the flyback.
Therefore, there will not be thermal hotspots and the reliability of the circuit will be improved.
This is confirmed in the diagram in Figure 6, where the efficiency of the PFC has been
measured both with the active TBO function and without it. As shown, at low input mains the
circuit has an efficiency improvement better than 2 percent. As the input mains voltage
increases the switching losses become more significant and the fixed output voltage PFC
appears more efficient.
Using the TBO function even the flyback converter efficiency is very good, as shown in
Figure 7 where it is compared with the efficiency of the same converter powered by a fixed
218
242
351
384
186
219
252
285
318
351
384
417
80
130
180
230
280
Vin [Vrms]
Figure 6.
PFC efficiency with and without
TBO function at full load
Figure 7.
Flyback converter efficiency with
and without TBO function at full
load
90%
91%
92%
93%
94%
95%
96%
97%
98%
99%
100%
90
115
230
265
Vin [Vrms]
WITHOUT TBO
WITH TBO
85%
86%
87%
88%
89%
90%
91%
92%
93%
94%
95%
90
115
230
265
Vin [Vrms]
400 Vdc FIXED I/P VOLTAGE
WITH TBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com