Electronic Components Datasheet Search
  English  ▼

X  

AN2521 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2521 Datasheet HTML 1Page - STMicroelectronics AN2521 Datasheet HTML 2Page - STMicroelectronics AN2521 Datasheet HTML 3Page - STMicroelectronics AN2521 Datasheet HTML 4Page - STMicroelectronics AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
October 2007
Rev 1
1/33
AN2521
Application note
19 V - 75 W laptop adapter with tracking boost PFC
pre-regulator, using the L6563 and L6668
Introduction
This application note describes the characteristics and features of a 75 W wide range input
mains and power-factor-corrected ac-dc adapter evaluation board. Its electrical specification
is tailored to a typical high-end portable computer power adapter. The distinctive attributes
of this design are the very low standby input consumption (< 0.3 W at 265 V), the excellent
global efficiency (> 85%) for a two stage architecture and the low cost.
Figure 1.
L6668 and L6563-75W adapter evaluation board (EVAL6668-75W)
www.st.com


Similar Part No. - AN2521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2523 STMICROELECTRONICS-AN2523 Datasheet
216Kb / 23P
Migrating from STR91xF to STR91xFA
07-May-2007
AN2526 STMICROELECTRONICS-AN2526 Datasheet
185Kb / 10P
STMAV340 has 4 channels and a 2 to 1 video switch
30-Apr-2007
logo
Panasonic Semiconductor
AN2526NFH PANASONIC-AN2526NFH Datasheet
442Kb / 35P
Automotive LCD TV signal processor IC
logo
Freescale Semiconductor...
AN2528 FREESCALE-AN2528 Datasheet
654Kb / 28P
Standard Space Vector Modulation TPU Function Set (svmStd)
logo
STMicroelectronics
AN2528 STMICROELECTRONICS-AN2528 Datasheet
860Kb / 21P
Very wide input voltage range 6 W SMPS for metering
05-Jul-2007
More results

Similar Description - AN2521

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
logo
STMicroelectronics
EVAL6563-80W STMICROELECTRONICS-EVAL6563-80W Datasheet
202Kb / 5P
L6563 80W High performanceTM PFC with active tracking boost function
10-Jan-2007
EVL6566A-75WADP STMICROELECTRONICS-EVL6566A-75WADP Datasheet
202Kb / 8P
19 V - 75 W laptop adapter with tracking boost PFC pre-regulator, using the L6563 and the L6566A
28-Sep-2007
logo
Cooper Bussmann, Inc.
CTX22-16885 COOPER-CTX22-16885 Datasheet
233Kb / 1P
INDUCTOR, BOOST PFC W/AUX
logo
STMicroelectronics
EVL6699-90WADP STMICROELECTRONICS-EVL6699-90WADP Datasheet
217Kb / 5P
19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
02-Jul-2012
logo
Lite-On Technology Corp...
PA-1121-10 LITEON-PA-1121-10 Datasheet
286Kb / 3P
Laptop Power Adapter
PA-1131-26 LITEON-PA-1131-26 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1131-76 LITEON-PA-1131-76 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1151-08 LITEON-PA-1151-08 Datasheet
287Kb / 3P
Laptop Power Adapter
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
Laptop Power Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com