Electronic Components Datasheet Search
  English  ▼

X  

EVAL6472H Datasheet(PDF) 6 Page - STMicroelectronics

Part # EVAL6472H
Description  SPI with daisy chain feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6472H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EVAL6472H Datasheet HTML 2Page - STMicroelectronics EVAL6472H Datasheet HTML 3Page - STMicroelectronics EVAL6472H Datasheet HTML 4Page - STMicroelectronics EVAL6472H Datasheet HTML 5Page - STMicroelectronics EVAL6472H Datasheet HTML 6Page - STMicroelectronics EVAL6472H Datasheet HTML 7Page - STMicroelectronics EVAL6472H Datasheet HTML 8Page - STMicroelectronics EVAL6472H Datasheet HTML 9Page - STMicroelectronics EVAL6472H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Board description
EVAL6472H
6/11
Doc ID 022980 Rev 1
Table 5.
Bill of material
Index
Quantity
Reference
Value
Package
1
1
C1
220 nF/16 V
CAPC-0603
2
2
C2,C4
100 nF/6V3
CAPC-0603
3
1
C3
10 µF/6V3
CAPC-3216
4
1
C5
47 µF/6V3
CAPC-3216
5
1
C6
10 nF/50 V
CAPC-0603
6
4
C7, C8, C15, C16
100 nF/50 V
CAPC-0603
7
1
C9A
100 µF/6V3 (option)
CAPE-R10HXX-P5
8
1
C9
100 µF/6V3
CAPES-R10HXX
9
3
C10, C11, C12
100 pF/6V3
CAPC-0603
10
1
C13
3.3 nF/6V3
CAPC-0603
11
1
C14
10 nF/6V3
CAPC-0603
12
1
DL1
LED diode (red)
LEDC-0805
13
1
DL2
LED diode (amber)
LEDC-0805
14
1
D1
BAV99
SOT23
15
1
D2
BZX585-B3V6
SOD323
16
1
JP1
Jumper - open
JP2SO
17
2
JP2, JP3
Jumper - closed
JP2SO
18
3
J1, J5, J6
Screw connector 2 poles
MORSV-508-2P
19
2
J2,J3
Pol. IDC male header vertical
10 poles
CON-FLAT-5X2-180M
20
2
J4, J7
NM
STRIP254P-M-2
21
1
R1
31.6 k
Ω
RESC-0603
22
1
R2
200 k
Ω
TRIMM-100X50X110-64W
23
1
R3
8.2 k
Ω
RESC-0603
24
3
R4, R5, R6
39 k
Ω
RESC-0603
25
2
R7, R9
470
Ω
RESC-0603
26
1
R8
100
Ω
RESC-0603
27
7
TP1, TP2, TP3,
TP4, TP5, TP7,
TP8
TPTH-ring-1 mm red
TH
28
1
TP6
TPTH-ring-1 mm black
TH
29
1
U1
L6472
HTSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com