Electronic Components Datasheet Search
  English  ▼

X  

EVAL6472H Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6472H
Description  SPI with daisy chain feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6472H Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6472H Datasheet HTML 1Page - STMicroelectronics EVAL6472H Datasheet HTML 2Page - STMicroelectronics EVAL6472H Datasheet HTML 3Page - STMicroelectronics EVAL6472H Datasheet HTML 4Page - STMicroelectronics EVAL6472H Datasheet HTML 5Page - STMicroelectronics EVAL6472H Datasheet HTML 6Page - STMicroelectronics EVAL6472H Datasheet HTML 7Page - STMicroelectronics EVAL6472H Datasheet HTML 8Page - STMicroelectronics EVAL6472H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Board description
EVAL6472H
2/11
Doc ID 022980 Rev 1
1
Board description
Figure 1.
Jumpers and connectors location
Table 1.
EVAL6472H specifications
Parameter
Value
Supply voltage (VS)
8 to 45 V
Maximum output current (each phase)
3 Ar.m.s.
Logic supply voltage (VREG)
Externally supplied: 3.3 V
Internally supplied: 3 V typical
Logic interface voltage (VDD)
Externally supplied: 3.3 V or 5 V
Internally supplied: VREG
Low level logic input voltage
0 V
High level logic input voltage
VDD(1)
1.
All logic inputs are 5 V tolerant.
Operating temperature
-25 to +125 °C
L6472H thermal resistance junction-to-ambient
21 °C/W typical
Phase A connector
Power supply connector
(8 V - 45 V)
Master SPI
connector
BUSY LED
(Amber)
FLAG LED
(Red)
Motor supply voltage
compensation
partitioning regulation
(ADCIN input)
External switch connector
(SW input)
JP1: VDD supply from
master SPI connector
JP2: VDD to VREG
connection
OSCIN/OSCOUT
connector
JP3: Daisy chain
termination
Phase B connector
Slave SPI
connector
Application reference
area
AM10289V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com