Electronic Components Datasheet Search
  English  ▼

X  

EVAL6472H Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVAL6472H
Description  SPI with daisy chain feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6472H Datasheet(HTML) 3 Page - STMicroelectronics

  EVAL6472H Datasheet HTML 1Page - STMicroelectronics EVAL6472H Datasheet HTML 2Page - STMicroelectronics EVAL6472H Datasheet HTML 3Page - STMicroelectronics EVAL6472H Datasheet HTML 4Page - STMicroelectronics EVAL6472H Datasheet HTML 5Page - STMicroelectronics EVAL6472H Datasheet HTML 6Page - STMicroelectronics EVAL6472H Datasheet HTML 7Page - STMicroelectronics EVAL6472H Datasheet HTML 8Page - STMicroelectronics EVAL6472H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EVAL6472H
Board description
Doc ID 022980 Rev 1
3/11
Table 2.
Jumpers and connectors description
Name
Type
Function
M1
Power supply
Motor supply voltage
M2
Power output
Bridge A outputs
M3
Power output
Bridge B outputs
CN1
SPI connector
Master SPI
CN2
SPI connector
Slave SPI
CN3
NM connector
OSCIN and OSCOUT pins
CN4
NM connector
External switch input
TP1 (VS)
Test point
Motor supply voltage test point
TP2 (VDD)
Test point
Logic interface supply voltage test point
TP3 (VREG)
Test point
Logic supply voltage/L6470 internal regulator test
point
TP5 (GND)
Test point
Ground test point
TP6 (GND)
Test point
Ground test point
TP8 (STCK)
Test point
Step clock input test point
TP9 (STBY/RES)
Test point
Standby/reset input test point
TP10 (FLAG)
Test point
FLAG output test point
TP11
(BUSY/SYNC)
Test point
BUSY/SYNC output test point
Table 3.
Master SPI connector pinout (J10)
Pin
number
Type
Description
1
Open drain output
L6472 BUSY output
2
Open drain output
L6472 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to L6472 SDO
output through daisy chain termination jumper JP2)
6
Digital input
SPI serial clock signal (connected to L6472 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6472 SDI
input)
8
Digital input
SPI slave select signal (connected to L6472 CS input)
9
Digital input
L6472 step-clock input
10
Digital input
L6472 standby/reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com