Electronic Components Datasheet Search
  English  ▼

X  

EVAL6480H Datasheet(PDF) 8 Page - STMicroelectronics

Part # EVAL6480H
Description  FLAG and BUSY LED indicators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6480H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EVAL6480H Datasheet HTML 4Page - STMicroelectronics EVAL6480H Datasheet HTML 5Page - STMicroelectronics EVAL6480H Datasheet HTML 6Page - STMicroelectronics EVAL6480H Datasheet HTML 7Page - STMicroelectronics EVAL6480H Datasheet HTML 8Page - STMicroelectronics EVAL6480H Datasheet HTML 9Page - STMicroelectronics EVAL6480H Datasheet HTML 10Page - STMicroelectronics EVAL6480H Datasheet HTML 11Page - STMicroelectronics EVAL6480H Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Board description
EVAL6480H
8/12
Doc ID 023675 Rev 1
Figure 4.
EVAL6480H - layout (top layer)
31
2
R6, R7
100 k
Ω / 0.125 W
RESC-0603
32
1
R8
33 k
Ω / 0.125 W
TRIMM-100X50X110-
64W
33
1
R9
N.M.
RESC-0603
34
1
U1
L6480
HTSSOP050P-
660X110-
38-EP
Table 5.
EVAL6480H - bill of material (continued)
Item
Quantity
Reference
Value
Package
AM14876v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com