Electronic Components Datasheet Search
  English  ▼

X  

EVAL6480H Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6480H
Description  FLAG and BUSY LED indicators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6480H Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6480H Datasheet HTML 1Page - STMicroelectronics EVAL6480H Datasheet HTML 2Page - STMicroelectronics EVAL6480H Datasheet HTML 3Page - STMicroelectronics EVAL6480H Datasheet HTML 4Page - STMicroelectronics EVAL6480H Datasheet HTML 5Page - STMicroelectronics EVAL6480H Datasheet HTML 6Page - STMicroelectronics EVAL6480H Datasheet HTML 7Page - STMicroelectronics EVAL6480H Datasheet HTML 8Page - STMicroelectronics EVAL6480H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Board description
EVAL6480H
2/12
Doc ID 023675 Rev 1
1
Board description
Figure 1.
Jumper and connector location
Table 1.
EVAL6480H electrical specifications
Parameter
Value
Supply voltage (VS)
10.5 to 85 V
Maximum output current (each phase)
25 Ar.m.s. at 25 °C
(1)
1.
Refer to STD25F10 datasheet for details.
External MOSFET Rds(ON)
33 m
Ω typical at 25 °C(1)
Gate driver supply voltage (VCC)
7.5 V to 15 V
Logic supply voltage
3.3 V
Logic interface supply voltage
3.3 V or 5 V
Low level logic inputs
0 V
High level logic input
VDD(2)
2.
All logic inputs are 5 V tolerant.
Operating temperature
-25 °C to +125 °C
FLAG LED
Supply management
jumpers
Phase A
connector
Phase B
connector
Master SPI
connector
Application
area
Slave SPI
connector
External switch
connector
(SW input)
Motor supply voltage
compensation regulation
(ADCIN input)
Power supply connector
(10.5 V - 85 V)
Supply management
connector
(VS, VSREG, VCCREG and GND)
BUSY LED
AM14874v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com