Electronic Components Datasheet Search
  English  ▼

X  

EVAL6480H Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6480H
Description  FLAG and BUSY LED indicators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6480H Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6480H Datasheet HTML 1Page - STMicroelectronics EVAL6480H Datasheet HTML 2Page - STMicroelectronics EVAL6480H Datasheet HTML 3Page - STMicroelectronics EVAL6480H Datasheet HTML 4Page - STMicroelectronics EVAL6480H Datasheet HTML 5Page - STMicroelectronics EVAL6480H Datasheet HTML 6Page - STMicroelectronics EVAL6480H Datasheet HTML 7Page - STMicroelectronics EVAL6480H Datasheet HTML 8Page - STMicroelectronics EVAL6480H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
September 2012
Doc ID 023675 Rev 1
1/12
12
EVAL6480H
High power stepper motor driver mounting the L6480
Data brief
Features
■ Voltage range from 10.5 V to 85 V
■ Low Rds(ON) MOSFETs in DPAK package
■ SPI with daisy chain feature
■ FLAG and BUSY LED indicators
■ Adjustable supply voltage compensation
■ Flexible supply voltage management
■ Suitable for use in combination with the
STEVAL-PCC009V2
Applications
■ High power bipolar stepper motor driving
Description
The EVAL6480H demonstration board is a high
power microstepping motor driver. In combination
with the STEVAL-PCC009V2 communication
board and the evaluation software, the board
allows the user to investigate all the features of
the L6480 device. In particular, the board can be
used to check the voltage mode driving and to
regulate the L6480 parameters in order to fit the
application requirements.
The EVAL6480H supports the daisy chain
configuration making it suitable for the evaluation
of the L6480 in multi-motor applications.
www.st.com


Similar Part No. - EVAL6480H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6482H STMICROELECTRONICS-EVAL6482H Datasheet
522Kb / 12P
High power microstepping motor driver with the L6482H
30-Oct-2012
More results

Similar Description - EVAL6480H

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3007 NTE-NTE3007 Datasheet
22Kb / 3P
Discrete LED Indicators
logo
Aeroflex Circuit Techno...
UT7C138 AEROFLEX-UT7C138 Datasheet
360Kb / 21P
4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
logo
Rohm
BD7844AEFV ROHM-BD7844AEFV Datasheet
332Kb / 14P
LED Driver for Indicators and Signage
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
pcb led indicators
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
Discrete LED Indicators
logo
Maxim Integrated Produc...
MAX20333EVKIT MAXIM-MAX20333EVKIT Datasheet
519Kb / 12P
Output and Flag LED Reading
Rev 1; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com