Electronic Components Datasheet Search
  English  ▼

X  

ESDA14V2BP6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA14V2BP6
Description  TRANSIL?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2BP6 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA14V2BP6 Datasheet HTML 1Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ESDA14V2BP6
®
March 2003 - Ed: 3A
TRANSIL™
SOT-666
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
s
Computers
s
Printers
s
Communication systems and cellular phones
s
Video equipment
This device is particularly adpated to the protection
of symmetrical signals.
MAIN APPLICATIONS
Application Specific Discretes
A.S.D.™
1
3
GND: 2, 5
6
4
FUNCTIONAL DIAGRAM
s
4 Bidirectional Transil™ functions.
s
ESD Protection: IEC61000-4-2 level 4
s
Stand off voltage: 12V MIN
s
Low leakage current < 1µA
FEATURES
The ESDA14V2BP6 is a monolithic array designed
to protect up to 4 lines in a bidirectional way against
ESD transients.
This device is ideal for applications where board
space saving is required.
DESCRIPTION
s
High ESD protection level.
s
High integration.
s
Suitable for high density boards.
BENEFITS
s
IEC61000-4-2 level 4: 15 kV (air discharge)
8 kV (contact discharge)
s
MIL STD 883E-Method 3015-7: class 3
25kV HBM (Human Body Model)
COMPLIES WITH THE FOLLOWING STANDARDS :


Similar Part No. - ESDA14V2BP6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results

Similar Description - ESDA14V2BP6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com