Electronic Components Datasheet Search
  English  ▼

X  

ESDA14V2BP6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA14V2BP6
Description  TRANSIL?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2BP6 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA14V2BP6 Datasheet HTML 1Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESDA14V2BP6
3/5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
Tj (°C)
P
[Tj initial] / P
[Tj initial = 25°C]
PP
PP
Fig. 1: Relative variation of peak pulse power
versus initial junction temperature.
10
100
1000
1
10
100
t (µs)
P
T
j initial = 25°C
P
(W)
PP
Fig. 2: Peak pulse power versus exponential pulse
duration.
0.1
1.0
10.0
0
10203040
V
(V)
CL
t
P=2.5µs
T
j initial =25°C
I
(A)
PP
Fig. 3: Clamping voltage versus peak pulse
current (typical values, rectangular waveform).
0
5
10
15
20
25
30
02468
10
12
14
V (V)
R
F=1MHz
V
OSC=30mVRMS
T
j=25°C
C(pF)
Fig. 4: Junction capacitance versus reverse volt-
age applied (typical values).
1
10
100
1000
25
50
75
100
125
Tj(°C)
IR[Tj] / IR[Tj = 25°C]
Fig. 5: Relative variation of leakage current versus
junction temperature (typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com