Electronic Components Datasheet Search
  English  ▼

X  

ESDA14V2BP6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA14V2BP6
Description  TRANSIL?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2BP6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA14V2BP6 Datasheet HTML 1Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESDA14V2BP6
2/5
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage tempature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
V
I
VCLVBR
VRM
IRM
IPP
Slope: 1/Rd
Symbol
Parameter
Test conditions
Value
Unit
VPP
ESD discharge - IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
±15
±8
kV
PPP
Peak pulse power dissipation(8/20
µs). Note 1
Tj initial = Tamb
50
W
Tj
Junction temperature
125
°C
Tstg
Storage temperature range
-55to+150
°C
TL
Maximum lead temperature for soldering during 10s at 5mm for case
260
°C
Top
Operating temperature range
-40to+125
°C
Note 1: for a surge greater than the maximum values
, the diode will fail in short-circuit.
ABSOLUTE RATINGS (Tamb = 25°C)
Types
IRM @VRM
VBR
@IR
Rd
αTC
max.
min.
max.
typ.
typ.
max.
µA
V
V
V
mA
10
-4/°C
pF @ 0V
ESDA14V2BP6
112
14.2
18
1
1.5
5.8
25
0.1
3
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient on printed circuit on recommended pad layout
220
°C/W
THERMAL RESISTANCES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com