Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IDB005V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-IDB005V1
Description  Bluetooth low energy board based on the BlueNRG-MS network processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDB005V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-IDB005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STEVAL-IDB005V1
Schematic diagram
DocID027804 Rev 1
7/11
Figure 8: Power supply
C16
C_2U2_0603_X5R
L2
L_2U2_1210_J_320M
TP1
GND
TP2
GND
JP1
Jumper 3
1
2
3
C15
C_1U_0603_X5R
TP3
GND
TP4
GND
R20
R_470_0603
DL6
U5
LD39150_DPAK
1
3
4
ST
AAAX1
Battery holder
C14
C_10U_0805_K_6V3
3V3
5V
USB_5V
cod. RS 367-4711
GREEN
POWER SUPPLY
Holder box 2xAAA
cod. RS 614-2352
GSPG2804151510SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com