Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IDB005V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-IDB005V1
Description  Bluetooth low energy board based on the BlueNRG-MS network processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDB005V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-IDB005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STEVAL-IDB005V1
Schematic diagram
DocID027804 Rev 1
5/11
Figure 5: JTAG / SWD
D5
D1
D6
J2
JTAG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
R9
NE
R13
NE
D2
D3
R6
NE
R7
NE
D4
R10
NE
PB4
PA13
PA14
PB3
PA15
NRST
GND
GND
3V3
GND
GND
GND
GND GND
GND
3V3
RESET
JTCK
JNTRST
JTMS
JTDO
JTDI
JTAG/SWD
RS 710-4288
ST Link: 3.0-3.6V, 5V tolerant
IAR J-Link: 1.2-3.6V, 5V tolerant
Male Connector
2x10 HDR straight
RS 473-8282
GSPG280415 1150SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com