Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IDB005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IDB005V1
Description  Bluetooth low energy board based on the BlueNRG-MS network processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDB005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IDB005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2015
DocID027804 Rev 1
1/11
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IDB005V1
Bluetooth low energy board based on the BlueNRG-MS network
processor
Data brief
Features
Bluetooth® SMART board based on the
BlueNRG-MS low energy network processor
STM32L external microcontroller
Associated BlueNRG-MS development kit,
including documentation, firmware for
STM32L and GUI
Maximum transmission power +8 dBm
Excellent receiver sensitivity (-88 dBm)
Very low power consumption: 7.3 mA RX
and 8.3 mA TX at +0 dBm
Bluetooth® low energy 4.1 compliant,
supports both master and slave roles
iTunes app available (app name: BlueNRG)
Google Play app available (app name:
BlueNRG)
JTAG debug connector
USB Interface
RoHS compliant
Description
The STEVAL-IDB005V1 is an evaluation platform
based on BlueNRG-MS, a low power Bluetooth®
Smart IC, compliant with the Bluetooth® 4.1
specifications and supporting both master and
slave roles. The STEVAL-IDB005V1 is composed
of an RF daughterboard and a microcontroller
motherboard. The RF daughterboard features the
BlueNRG-MS device, an SMA connector for an
antenna or measuring instruments and an SPI
connector for an external microcontroller. The
motherboard is based on the STM32L, acting as
external microcontroller driving the BlueNRG-MS
device. A JTAG connector allows microcontroller
firmware development.


Similar Part No. - STEVAL-IDB005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDB005V1D STMICROELECTRONICS-STEVAL-IDB005V1D Datasheet
232Kb / 4P
RoHS compliant
17-Dec-2015
More results

Similar Description - STEVAL-IDB005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4387 STMICROELECTRONICS-AN4387 Datasheet
2Mb / 22P
BlueNRG is a very low power Bluetooth low energy
14-Nov-2013
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
The BlueNRG is a very low power Bluetooth low energy
24-Jan-2014
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
17-Jul-2015
BLUENRG-MS STMICROELECTRONICS-BLUENRG-MS Datasheet
1Mb / 42P
Upgradable Bluetooth Low Energy network processor
01-Feb-2016
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com