Electronic Components Datasheet Search
  English  ▼

X  

1042021 Datasheet(PDF) 2 Page - SICK AG

Part # 1042021
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042021 Datasheet(HTML) 2 Page - SICK AG

  1042021 Datasheet HTML 1Page - SICK AG 1042021 Datasheet HTML 2Page - SICK AG 1042021 Datasheet HTML 3Page - SICK AG 1042021 Datasheet HTML 4Page - SICK AG 1042021 Datasheet HTML 5Page - SICK AG 1042021 Datasheet HTML 6Page - SICK AG 1042021 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV640-3120 | CLV64x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV640-3120
1042021
Other models and accessories
www.sick.com/CLV64x
Detailed technical data
Features
Version
Standard Density
Connection type
Ethernet
Reading field
Side (105°)
Scanner design
Raster scanner
Focus
Dynamic focus control
Light source
Visible red light (655 nm)
MTBF
40,000 h
Laser class
2 (EN 60825-1 (A2:2001-03), IEC 60825-1 : 2007-03, Ed. 2.0)
Aperture angle
≤ 50°
Scanning frequency
400 Hz ... 1,200 Hz
Code resolution
0.2 mm ... 1 mm
Reading distance
44 mm ... 738 mm 1)
Raster height, number of lines, at distance
15 mm, 8, 185 mm
Heating
Optional
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, GS1-128 / EAN 128, UPC /
GTIN / EAN, Interleaved 2 of 5, Pharmacode, GS1 DataBar, Telepen, MSI/Plessey
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 20 (Standard decoder)
1 ... 6 (SMART decoder)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
5,000
500 (for multiplexer function in CAN operation)
No. of multiple readings
1 ... 99
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com