Electronic Components Datasheet Search
  English  ▼

X  

1042021 Datasheet(PDF) 6 Page - SICK AG

Part # 1042021
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042021 Datasheet(HTML) 6 Page - SICK AG

  1042021 Datasheet HTML 1Page - SICK AG 1042021 Datasheet HTML 2Page - SICK AG 1042021 Datasheet HTML 3Page - SICK AG 1042021 Datasheet HTML 4Page - SICK AG 1042021 Datasheet HTML 5Page - SICK AG 1042021 Datasheet HTML 6Page - SICK AG 1042021 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV640-3120 | CLV64x
BAR CODE SCANNERS
Reading field diagram
Reading distance in mm (inch)
Focus position in mm (inch)
Resolution 0.5 mm (19.7 mil)
max. reading distance (aperture angle 25°)
max. reading distance (aperture angle 50°)
min. reading distance
380
(14.96)
320
(12.6)
260
(10.24)
200
(7.87)
140
(5.51)
80
(3.15)
600
(23.62)
400
(15.75)
200
(7.87)
0
A
B
C
A
B
C
Recommended accessories
Other models and accessories
www.sick.com/CLV64x
Brief description
Type
Part no.
Mounting brackets and plates
Hanger-shaped mounting bracket, thermally isolated for use with heating devices,
mounting hardware included
Mounting bracket
2050705
Hanger-shaped mounting bracket, mounting hardware included
Mounting bracket
2042800
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Modular connection module for one sensor
CDM420-0001
1025362
Plug connectors and cables
Head A: female connector, M12, 12-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 2 m
Connection cable
(male connector -
female connector)
2041834
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, drag chain use, PUR, shielded, 2 m
SSL-2J04-G02ME
6034414
6
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com