Electronic Components Datasheet Search
  English  ▼

X  

1042021 Datasheet(PDF) 4 Page - SICK AG

Part # 1042021
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042021 Datasheet(HTML) 4 Page - SICK AG

  1042021 Datasheet HTML 1Page - SICK AG 1042021 Datasheet HTML 2Page - SICK AG 1042021 Datasheet HTML 3Page - SICK AG 1042021 Datasheet HTML 4Page - SICK AG 1042021 Datasheet HTML 5Page - SICK AG 1042021 Datasheet HTML 6Page - SICK AG 1042021 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV640-3120 | CLV64x
BAR CODE SCANNERS
Protection class
III (EN 61140)
Weight
270 g, without connecting cable
Dimensions (L x W x H)
80 mm x 96 mm x 38 mm 1)
1) Swivel connector is 15 mm longer.
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-3 (2001-10) / EN 61000-6-2:2005
Vibration resistance
EN 60068-2-6 (1995)
Shock resistance
EN 60068-2-27 (1993)
Ambient operating temperature
0 °C ... +40 °C
Storage temperature
–20 °C ... +70 °C
Permissible relative humidity
90 %, Non-condensing
Ambient light immunity
2,000 lx, on bar code
Bar code print contrast (PCS)
≥ 60 %
Classifications
ECl@ss 5.0
27280102
ECl@ss 5.1.4
27280102
ECl@ss 6.0
27280102
ECl@ss 6.2
27280102
ECl@ss 7.0
27280102
ECl@ss 8.0
27280102
ECl@ss 8.1
27280102
ECl@ss 9.0
27280102
ETIM 5.0
EC002550
ETIM 6.0
EC002550
UNSPSC 16.0901
43211701
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com