Electronic Components Datasheet Search
  English  ▼

X  

LM78L09 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L09
Description  3-Terminal Positive Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L09 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM78L09 Datasheet HTML 1Page - National Semiconductor (TI) LM78L09 Datasheet HTML 2Page - National Semiconductor (TI) LM78L09 Datasheet HTML 3Page - National Semiconductor (TI) LM78L09 Datasheet HTML 4Page - National Semiconductor (TI) LM78L09 Datasheet HTML 5Page - National Semiconductor (TI) LM78L09 Datasheet HTML 6Page - National Semiconductor (TI) LM78L09 Datasheet HTML 7Page - National Semiconductor (TI) LM78L09 Datasheet HTML 8Page - National Semiconductor (TI) LM78L09 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM78LXX Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, Bold typeface
applies over 0˚C to 125˚C for SO-8 and TO-92 packages, and −40˚C to 85˚C for micro SMD package. Limits are
guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless
otherwise specified: I
O = 40mA, CI = 0.33µF, CO = 0.1µF. (Continued)
LM78L09AC
Unless otherwise specified, V
IN = 15V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
8.64
9.0
9.36
V
11.5V
≤ V
IN
≤ 24V
1mA
≤ I
O
≤ 40mA
(Note 3)
8.55
9.45
1mA
≤ I
O
≤ 70mA
(Note 3)
8.55
9.45
∆V
O
Line Regulation
11.5V
≤ V
IN
≤ 24V
100
200
mV
13V
≤ V
IN
≤ 24V
90
150
∆V
O
Load Regulation
1mA
≤ I
O
≤ 100mA
20
90
1mA
≤ I
O
≤ 40mA
10
45
I
Q
Quiescent Current
2
5.5
mA
∆I
Q
Quiescent Current Change
11.5V
≤ V
IN
≤ 24V
1.5
1mA
≤ I
O
≤ 40mA
0.1
V
n
Output Noise Voltage
70
µV
Ripple Rejection
f = 120 Hz
15V
≤ V
IN
≤ 25V
38
44
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−0.9
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
10.7
V
LM78L12AC
Unless otherwise specified, V
IN = 19V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
11.5
12
12.5
V
14.5V
≤ V
IN
≤ 27V
1mA
≤ I
O
≤ 40mA
(Note 3)
11.4
12.6
1mA
≤ I
O
≤ 70mA
(Note 3)
11.4
12.6
∆V
O
Line Regulation
14.5V
≤ V
IN
≤ 27V
30
180
mV
16V
≤ V
IN
≤ 27V
20
110
∆V
O
Load Regulation
1mA
≤ I
O
≤ 100mA
30
100
1mA
≤ I
O
≤ 40mA
10
50
I
Q
Quiescent Current
3
5
mA
∆I
Q
Quiescent Current Change
16V
≤ V
IN
≤ 27V
1
1mA
≤ I
O
≤ 40mA
0.1
V
n
Output Noise Voltage
80
µV
Ripple Rejection
f = 120 Hz
15V
≤ V
IN
≤ 25
40
54
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−1.0
mV/˚C
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com