Electronic Components Datasheet Search
  English  ▼

X  

LM78L09 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L09
Description  3-Terminal Positive Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L09 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM78L09 Datasheet HTML 1Page - National Semiconductor (TI) LM78L09 Datasheet HTML 2Page - National Semiconductor (TI) LM78L09 Datasheet HTML 3Page - National Semiconductor (TI) LM78L09 Datasheet HTML 4Page - National Semiconductor (TI) LM78L09 Datasheet HTML 5Page - National Semiconductor (TI) LM78L09 Datasheet HTML 6Page - National Semiconductor (TI) LM78L09 Datasheet HTML 7Page - National Semiconductor (TI) LM78L09 Datasheet HTML 8Page - National Semiconductor (TI) LM78L09 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM78LXX Series
3-Terminal Positive Regulators
General Description
The LM78LXX series of three terminal positive regulators is
available with several fixed output voltages making them
useful in a wide range of applications. When used as a zener
diode/resistor combination replacement, the LM78LXX usu-
ally results in an effective output impedance improvement of
two orders of magnitude, and lower quiescent current. These
regulators can provide local on card regulation, eliminating
the distribution problems associated with single point regu-
lation. The voltages available allow the LM78LXX to be used
in logic systems, instrumentation, HiFi, and other solid state
electronic equipment.
The LM78LXX is available in the plastic TO-92 (Z) package,
the plastic SO-8 (M) package and a chip sized package
(8-Bump micro SMD) using National’s micro SMD package
technology. With adequate heat sinking the regulator can
deliver 100mA output current. Current limiting is included to
limit the peak output current to a safe value. Safe area
protection for the output transistors is provided to limit inter-
nal power dissipation. If internal power dissipation becomes
too high for the heat sinking provided, the thermal shutdown
circuit takes over preventing the IC from overheating.
Features
n
LM78L05 in micro SMD package
n
Output voltage tolerances of ±5% over the temperature
range
n
Output current of 100mA
n
Internal thermal overload protection
n
Output transistor safe area protection
n
Internal short circuit current limit
n
Available in plastic TO-92 and plastic SO-8 low profile
packages
n
No external components
n
Output voltages of 5.0V, 6.2V, 8.2V, 9.0V, 12V, 15V
n
See AN-1112 for micro SMD considerations
Connection Diagrams
SO-8 Plastic (M)
(Narrow Body)
00774402
Top View
8-Bump micro SMD
00774424
Top View
(Bump Side Down)
(TO-92)
Plastic Package (Z)
00774403
Bottom View
micro SMD Marking Orientation
00774433
Top View
February 2005
© 2005 National Semiconductor Corporation
DS007744
www.national.com


Similar Part No. - LM78L09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L09 NSC-LM78L09 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L09 HTC-LM78L09 Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L09 KEXIN-LM78L09 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM78L09 HTSEMI-LM78L09 Datasheet
1Mb / 2P
Three-terminal positive voltage regulator
logo
Tiger Electronic Co.,Lt...
LM78L09 TGS-LM78L09 Datasheet
283Kb / 2P
TO-92 Encapsulate Three Terminal Voltage Regulator
More results

Similar Description - LM78L09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM342 NSC-LM342 Datasheet
138Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
3-Terminal Positive Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com