Electronic Components Datasheet Search
  English  ▼

X  

LM78L09 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L09
Description  3-Terminal Positive Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L09 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM78L09 Datasheet HTML 6Page - National Semiconductor (TI) LM78L09 Datasheet HTML 7Page - National Semiconductor (TI) LM78L09 Datasheet HTML 8Page - National Semiconductor (TI) LM78L09 Datasheet HTML 9Page - National Semiconductor (TI) LM78L09 Datasheet HTML 10Page - National Semiconductor (TI) LM78L09 Datasheet HTML 11Page - National Semiconductor (TI) LM78L09 Datasheet HTML 12Page - National Semiconductor (TI) LM78L09 Datasheet HTML 13Page - National Semiconductor (TI) LM78L09 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Applications (Continued)
±15V, 100mA Dual Power Supply
00774412
*Solid tantalum.
Variable Output Regulator 0.5V-18V
00774413
*Solid tantalum.
VOUT =VG + 5V, R1 = (−VIN/IQ LM78L05)
VOUT = 5V (R2/R4) for (R2 + R3) = (R4 + R5)
A 0.5V output will correspond to (R2/R4) = 0.1 (R3/R4) = 0.9
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com