Electronic Components Datasheet Search
  English  ▼

X  

IIS328DQ Datasheet(PDF) 14 Page - STMicroelectronics

Part # IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 10Page - STMicroelectronics IIS328DQ Datasheet HTML 11Page - STMicroelectronics IIS328DQ Datasheet HTML 12Page - STMicroelectronics IIS328DQ Datasheet HTML 13Page - STMicroelectronics IIS328DQ Datasheet HTML 14Page - STMicroelectronics IIS328DQ Datasheet HTML 15Page - STMicroelectronics IIS328DQ Datasheet HTML 16Page - STMicroelectronics IIS328DQ Datasheet HTML 17Page - STMicroelectronics IIS328DQ Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Mechanical and electrical specifications
IIS328DQ
14/40
DocID027250 Rev 3
2.5.2
Zero-g level
Zero-g level offset (TyOff) describes the deviation of an actual output signal from the ideal
output signal if no acceleration is present. A sensor in a steady-state on a horizontal surface
measures 0 g on the X-axis and 0 g on the Y-axis, whereas the Z-axis measures 1 g. The
output is ideally in the center of the dynamic range of the sensor (the content of the OUT
registers is 00h, data expressed as 2’s complement number). A deviation from the ideal
value in this case is called zero-g offset. Offset is, to some extent, a result of stress to the
MEMS sensor and therefore the offset can slightly change after mounting the sensor onto a
printed circuit board or exposing it to extensive mechanical stress. Offset changes little over
temperature, see “Zero-g level change vs. temperature” in Table 3. The zero-g level
tolerance (TyOff) describes the standard deviation of the range of zero-g levels of a
population of sensors.
2.5.3
Self-test
Self-test allows the sensor functionality to be tested without moving it. The self-test function
is off when the self-test bit (ST) of CTRL_REG4 (control register 4) is programmed to ‘0‘.
When the self-test bit of CTRL_REG4 is programmed to ‘1’, an actuation force is applied to
the sensor, simulating a definite input acceleration. In this case, the sensor outputs exhibit a
change in their DC levels which are related to the selected full scale through the device
sensitivity.
When the self-test is activated, the device output level is given by the algebraic sum of the
signals produced by the acceleration acting on the sensor and by the electrostatic test force.
If the output signals change within the amplitude specified in Table 3, then the sensor is
working properly and the parameters of the interface chip are within the defined
specifications.
2.5.4
Sleep-to-wakeup
The “sleep-to-wakeup” function, in conjunction with low-power mode, allows further
reduction of system power consumption and development of new smart applications. The
IIS328DQ may be set to a low-power operating mode, characterized by lower data rate
refresh. In this way the device, even if sleeping, continues to sense acceleration and to
generate interrupt requests.
When the “sleep-to-wakeup” function is activated, the IIS328DQ is able to automatically
wake up as soon as the interrupt event has been detected, increasing the output data rate
and bandwidth.
With this feature, the system may be efficiently switched from low-power mode to full-
performance depending on user-selectable positioning and acceleration events, therefore
ensuring power saving and flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com