Electronic Components Datasheet Search
  English  ▼

X  

IIS328DQ Datasheet(PDF) 28 Page - STMicroelectronics

Part # IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Datasheet(HTML) 28 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 24Page - STMicroelectronics IIS328DQ Datasheet HTML 25Page - STMicroelectronics IIS328DQ Datasheet HTML 26Page - STMicroelectronics IIS328DQ Datasheet HTML 27Page - STMicroelectronics IIS328DQ Datasheet HTML 28Page - STMicroelectronics IIS328DQ Datasheet HTML 29Page - STMicroelectronics IIS328DQ Datasheet HTML 30Page - STMicroelectronics IIS328DQ Datasheet HTML 31Page - STMicroelectronics IIS328DQ Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Register description
IIS328DQ
28/40
DocID027250 Rev 3
The BDU bit is used to inhibit the output register update until both upper and lower register
parts are read. In default mode (BDU = ‘0’), the lower and upper register parts are updated
continuously. When the BDU is activated (BDU = 1), the content of the output registers is
not updated until both MSb and LSb are read which avoids reading values related to
different sample times.
7.6
CTRL_REG5 (24h)
The TurnOn bits are used for turning on the sleep-to-wake function.
By setting TurnOn[1:0] bits to 11, the “sleep-to-wake” function is enabled. When an interrupt
event occurs, the device is switched to normal mode, increasing the ODR to the value
defined in CTRL_REG1. Although the device is in normal mode, the CTRL_REG1 content is
not automatically changed to “normal mode” configuration.
7.7
HP_FILTER_RESET (25h)
Dummy register. Reading at this address instantaneously zeroes the content of the internal
high-pass filter. If the high-pass filter is enabled, all three axes are instantaneously set to
0 g. This makes it possible to nullify the settling time of the high-pass filter.
7.8
REFERENCE (26h)
This register sets the acceleration value taken as a reference for the high-pass filter output.
Table 30. CTRL_REG5 register
0
0
0
0
0
0
TurnOn1
TurnOn0
Table 31. CTRL_REG5 description
TurnOn1,
TurnOn0
Turn-on mode selection for sleep-to-wake function. Default value: 00
Table 32. Sleep-to-wake configuration
TurnOn1 TurnOn0
Sleep-to-wake status
0
0
Sleep-to-wake function is disabled
1
1
Turned on: the device is in low-power mode (ODR is defined in CTRL_REG1)
Table 33. REFERENCE register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0
Table 34. REFERENCE description
Ref7 - Ref0
Reference value for high-pass filter. Default value: 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com