Electronic Components Datasheet Search
  English  ▼

X  

IIS328DQ Datasheet(PDF) 37 Page - STMicroelectronics

Part # IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Datasheet(HTML) 37 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 32Page - STMicroelectronics IIS328DQ Datasheet HTML 33Page - STMicroelectronics IIS328DQ Datasheet HTML 34Page - STMicroelectronics IIS328DQ Datasheet HTML 35Page - STMicroelectronics IIS328DQ Datasheet HTML 36Page - STMicroelectronics IIS328DQ Datasheet HTML 37Page - STMicroelectronics IIS328DQ Datasheet HTML 38Page - STMicroelectronics IIS328DQ Datasheet HTML 39Page - STMicroelectronics IIS328DQ Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID027250 Rev 3
37/40
IIS328DQ
Soldering information
40
9.2.1
PCB design rules
Figure 13. Recommended land and solder mask design for QFPN packages
A = Clearance from PCB land edge to solder mask opening
 0.1 mm to ensure that some
solder mask remains between PCB pads
B = PCB land length = QFPN solder pad length + 0.1 mm
C = PCB land width = QFPN solder pad width + 0.1 mm
D = PCB thermal pad solder mask opening = QFPN thermal pad side + 0.2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com