Electronic Components Datasheet Search
  English  ▼

X  

REF3318 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 34 Page - Texas Instruments

Back Button REF3318 Datasheet HTML 29Page - Texas Instruments REF3318 Datasheet HTML 30Page - Texas Instruments REF3318 Datasheet HTML 31Page - Texas Instruments REF3318 Datasheet HTML 32Page - Texas Instruments REF3318 Datasheet HTML 33Page - Texas Instruments REF3318 Datasheet HTML 34Page - Texas Instruments REF3318 Datasheet HTML 35Page - Texas Instruments REF3318 Datasheet HTML 36Page - Texas Instruments REF3318 Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
0.20
0.08
0.25
2.64
2.10
1.12 MAX
TYP
0.10
0.01
3X
0.5
0.3
TYP
0.6
0.2
1.9
0.95
TYP
-8
0
A
3.04
2.80
B
1.4
1.2
(0.95)
SOT-23 - 1.12 mm max height
DBZ0003A
SMALL OUTLINE TRANSISTOR
4214838/C 04/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-236, except minimum foot length.
0.2
C A B
1
3
2
INDEX AREA
PIN 1
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com