Electronic Components Datasheet Search
  English  ▼

X  

REF3318 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF3318 Datasheet HTML 12Page - Texas Instruments REF3318 Datasheet HTML 13Page - Texas Instruments REF3318 Datasheet HTML 14Page - Texas Instruments REF3318 Datasheet HTML 15Page - Texas Instruments REF3318 Datasheet HTML 16Page - Texas Instruments REF3318 Datasheet HTML 17Page - Texas Instruments REF3318 Datasheet HTML 18Page - Texas Instruments REF3318 Datasheet HTML 19Page - Texas Instruments REF3318 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
1
1
C
159 nF
2
1 k
N+]
S
˜
˜
˜
3dB_A1+
8
1
1
f
1 kHz
2
R
C
S
˜
˜
˜
2
5
R
R
10 k
2
§
·
:
¨
¸
©
¹
2
R
0.5 V
5 V
2 100 k
§
·
˜
¨
¸
˜
©
¹
16
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392G – AUGUST 2007 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
The 3.3-V system supply voltage that powers the MSP430 can also supply other devices, and therefore may
have regulation and noise issues. The REF3330 creates an accurate and stable 3.0 V output used by the op
amp, REF3312, and other low-power analog circuitry. The REF33xx series has a drop-output voltage of VOUT +
200 mV; therefore, as long as the input supply remains above 3.2 V, the REF3330 produces a regulated 3.0 V
output. The output current for the REF33xx series is specified at ±5 mA, as shown in Figure 9, and is sufficient
for the REF3312 and a low-power op amp.
10.2.1.2.4.2
Op Amp
The OPA317 op amp is used because of low offset voltage, low offset voltage drift, CMRR, and low power
consumption. The dc specifications for the OPA317 can be seen in the OPA317 data sheet, SBOS682, available
for download from www.ti.com. The maximum offset of 100 µV accounts for only 0.001% of the full-scale signal,
and the low-drift reduces temperature drift effects. Therefore, as previously mentioned, most of the error in this
design is from the reference accuracy and passive component tolerances.
10.2.1.2.5
Input Attenuation and Level Shifting
For this design, the bipolar ±5-V input must be attenuated and level shifted so the differential voltage is within the
input range of ±VREF / 2, or ±0.625 V. The accuracy of the op amp output and ADC input may degrade near the
supply rails and VREF voltage, so the output is designed to produce a 0.125 V to 1.125 V output, or ±0.5 V for a
±5 V input. Scaling the output this way also increases the allowable input range to ±6 V, and allows for some
underscale and overscale voltage measurement and protection.
Use Equation 12 to scale the ±5-V input to a ±0.5-V differential voltage, as shown in Equation 15.
where
•
R1 = R4 = 100 kΩ
(15)
R1 and R4 dominate the input impedance for this design and are therefore selected to be 100 kΩ. Higher values
can be selected to increase the input impedance at the expense of input noise.
With the value for R2 and R3 selected as 20 kΩ, the value for R5 is calculated, as shown in Equation 16:
where
•
R2 = R3 = 20 kΩ
(16)
In order for A1– to equal to VREF / 2, R6 must equal R7. Two 47-kΩ resistors are used in order to conserve power
without creating an impedance too weak to drive the ADC input.
10.2.1.2.6
Input Filtering
The MSP430 ADC is configured to run from the 1.1-MHz SMCLK with an oversampling rate (OSR) of 256,
yielding a sample rate of roughly 4.3 kHz. The input filter cutoff frequency is set to 1 kHz in order to limit the input
signal bandwidth, as shown in Equation 17. R8 is 1 kΩ in order to provide isolation from the capacitive load of the
low-pass filter, thereby reducing stability concerns.
where
•
(17)
Reduce C1 to 150 nF so that it is a standard value.
The A1– input of the delta-sigma (ΔΣ) converter is not buffered, and therefore requires a large capacitor to
supply the charge for the internal sampling capacitor. A 47-μF capacitor is selected, resulting in the cutoff
frequency illustrated in Equation 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com