Electronic Components Datasheet Search
  English  ▼

X  

REF3318 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3318 Datasheet HTML 10Page - Texas Instruments REF3318 Datasheet HTML 11Page - Texas Instruments REF3318 Datasheet HTML 12Page - Texas Instruments REF3318 Datasheet HTML 13Page - Texas Instruments REF3318 Datasheet HTML 14Page - Texas Instruments REF3318 Datasheet HTML 15Page - Texas Instruments REF3318 Datasheet HTML 16Page - Texas Instruments REF3318 Datasheet HTML 17Page - Texas Instruments REF3318 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
||
3
2
3
REF
DIFF
REF
IN
2
3
1
R
R
R
V
V
A1+
A1
V
V
R
R
R
2
§
·
§
·
¨
¸
¨
¸
©
¹
©
¹
2
2
2
2
2
5
2
2
2
R
R
R
R
R
R
R
2 R
2
§
·
˜
¨
¸
˜
©
¹
3
REF
REF
2
3
R
V
A1
V
2
R
R
§
·
¨
¸
©
¹
7
REF
REF
6
7
R
V
A1
V
R
R
2
§
·
¨
¸
©
¹
||
3
2
3
REF
IN
2
3
1
R
R
R
A1
V
V
R
R
R
§
·
§
·
¨
¸
¨
¸
©
¹
©
¹
14
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392G – AUGUST 2007 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Applications (continued)
10.2.1.1 Design Requirements
The design requirements are as follows:
•
Supply voltage: 3.3 V
•
Maximum input voltage: ±6 V
•
Specified input voltage: ±5 V
•
ADC reference voltage: 1.25 V
10.2.1.2 Detailed Design Procedure
Figure 19 depicts a simplified schematic for this design showing the MSP430 ADC inputs and full input
conditioning circuitry. The ADC is configured for a bipolar measurement where final conversion result is the
differential voltage, VDIFF, between the positive and negative ADC inputs, A1+ and A1–. The bipolar, ground-
referenced input signal must be level-shifted and attenuated by the op amp so that the output is biased to VREF /
2 and has a differential voltage that is within the ±VREF / 2 input range of the ADC. The transfer function for the
op-amp circuit simplifies to Equation 4.
where
•
R1 = R4
•
R5 = R2 || R3
(4)
The voltage applied to the negative ADC input, A1–, is based on the resistor divider formed by R6 and R7 and is
set to VREF / 2 by setting R6 equal to R7, as shown in Equation 5.
(5)
10.2.1.2.1
Op Amp Level-Shift Design
The ratio of R2, R3, and the VREF voltage determines the voltage on the output of the op amp when the
differential input is 0 V. Select the components so that VOUT is equal to the VREF / 2 voltage when VIN is equal to
0 V, as shown in Equation 6.
where
•
VIN = 0 V
•
R2 = R3
(6)
Solve for the value of R5 by setting R3 equal to R2 in Equation 4, as shown in Equation 7:
(7)
10.2.1.2.2
Differential Input Attenuator Design
VDIFF is the difference between the two inputs, as shown in Equation 8:
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com