Electronic Components Datasheet Search
  English  ▼

X  

MM78C30 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM78C30
Description  Quad Single-Ended, Dual Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM78C30 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM78C30 Datasheet HTML 1Page - National Semiconductor (TI) MM78C30 Datasheet HTML 2Page - National Semiconductor (TI) MM78C30 Datasheet HTML 3Page - National Semiconductor (TI) MM78C30 Datasheet HTML 4Page - National Semiconductor (TI) MM78C30 Datasheet HTML 5Page - National Semiconductor (TI) MM78C30 Datasheet HTML 6Page - National Semiconductor (TI) MM78C30 Datasheet HTML 7Page - National Semiconductor (TI) MM78C30 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics
MinMax limits apply across temperature range unless otherwise noted (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT DRIVE
(Continued)
ISINK
Output Sink Resistance
MM78C29MM78C30
VOUT e 04V VCC e 450V
Tj e 25 C20
36
X
Tj e 125 C28
50
X
VOUT e 04V VCC e 10V
Tj e 25 C10
18
X
Tj e 125 C14
25
X
MM88C29MM88C30
VOUT e 04V VCC e 475V
Tj e 25 C18
41
X
Tj e 85 C22
50
X
VOUT e 04V VCC e 10V
Tj e 25 C10
21
X
Tj e 85 C12
26
X
Output Resistance
Temperature Coefficient
Source
055
% C
Sink
040
% C
iJA
Thermal Resistance
MM78C29MM78C30
100
CW
(D-Package)
MM88C29MM88C30
150
CW
(N-Package)
AC Electrical Characteristics TA e 25 C CL e 50 pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time to
Logical ‘‘1’’ or ‘‘0’’
(See
Figure 2 )
MM78C29MM88C29
VCC e 5V
80
200
ns
VCC e 10V
35
100
ns
MM78C30MM88C30
VCC e 5V
110
350
ns
VCC e 10V
50
150
ns
tpd
Differential Propagation Delay
RL e 100X CL e 5000 pF
Time to Logical ‘‘1’’ or ‘‘0’’
(See
Figure 1 )
MM78C30MM88C30
VCC e 5V
400
ns
VCC e 10V
150
ns
CIN
Input Capacitance
MM78C29MM88C29
(Note 3)
50
pF
MM78C30MM88C30
(Note 3)
50
pF
CPD
Power Dissipation Capacitance
MM78C29MM88C29
(Note 3)
150
pF
MM78C30MM88C30
(Note 3)
200
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90 (CMOS Logic Databook)
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com