Electronic Components Datasheet Search
  English  ▼

X  

MM78C30 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM78C30
Description  Quad Single-Ended, Dual Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM78C30 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM78C30 Datasheet HTML 1Page - National Semiconductor (TI) MM78C30 Datasheet HTML 2Page - National Semiconductor (TI) MM78C30 Datasheet HTML 3Page - National Semiconductor (TI) MM78C30 Datasheet HTML 4Page - National Semiconductor (TI) MM78C30 Datasheet HTML 5Page - National Semiconductor (TI) MM78C30 Datasheet HTML 6Page - National Semiconductor (TI) MM78C30 Datasheet HTML 7Page - National Semiconductor (TI) MM78C30 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5908
February 1996
MM78C29MM88C29 Quad Single-Ended Line Driver
MM78C30MM88C30 Dual Differential Line Driver
General Description
The MM78C30MM88C30 is a dual differential line driver
that also performs the dual four-input NAND or dual four-in-
put AND function The absence of a clamp diode to VCC in
the input protection circuitry of the MM78C30MM88C30 al-
lows a CMOS user to interface systems operating at differ-
ent voltage levels Thus a CMOS digital signal source can
operate at a VCC voltage greater than the VCC voltage of
the MM78C30 line driver The differential output of the
MM78C30MM88C30 eliminates ground-loop errors
The MM78C29MM88C29 is a non-inverting single-wire
transmission line driver Since the output ON resistance is a
low 20X typ the device can be used to drive lamps relays
solenoids and clock lines besides driving data lines
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VCC (typ)
Y
Low output ON resistance
20X (typ)
Logic Diagrams
14 MM78C29MM88C29
TLF5908 – 1
12 MM78C30MM88C30
TLF5908 – 2
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - MM78C30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM78M18 FAIRCHILD-MM78M18 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
More results

Similar Description - MM78C30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
QUAD DIFFERENTIAL LINE DRIVER
Nov-1995
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Motorola, Inc
MC3481 MOTOROLA-MC3481 Datasheet
246Kb / 5P
QUAD SINGLE ENDED LINE DRIVER
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com