Electronic Components Datasheet Search
  English  ▼

X  

MM78C30 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM78C30
Description  Quad Single-Ended, Dual Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM78C30 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MM78C30 Datasheet HTML 1Page - National Semiconductor (TI) MM78C30 Datasheet HTML 2Page - National Semiconductor (TI) MM78C30 Datasheet HTML 3Page - National Semiconductor (TI) MM78C30 Datasheet HTML 4Page - National Semiconductor (TI) MM78C30 Datasheet HTML 5Page - National Semiconductor (TI) MM78C30 Datasheet HTML 6Page - National Semiconductor (TI) MM78C30 Datasheet HTML 7Page - National Semiconductor (TI) MM78C30 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
TLF5908 – 11
TLF5908 – 12
Note 1
VCC is 3V to 15V
Typical Data Rate vs Transmission Line Length
TLF5908 – 13
Note 1
The transmission line used was
22 gauge unshielded twisted pair (40k
termination)
Note 2
The curves generated assume that both drivers are driving equal lines
and that the maximum power is 500 mWpackage
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com