Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 5 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix IL1208AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 08-May-08
305
IL1205AT/1206AT/1207AT/1208AT
Optocoupler, Phototransistor Output,
with Base Connection in SOIC-8
Package, 110 °C Rated
Vishay Semiconductors
Fig. 10 - CTR vs. IF, (VCE = 5 V, Tamb = 25 °C) (Not Normalised)
Fig. 11 - CTR vs. IF, (VCE = 5 V, Tamb = 25 °C) Normalised to
IF = 10 mA, Tamb = 25 °C
Fig. 12 - CTR vs. IF Saturated, (VCE = 0.4 V, Tamb = 25 °C)
Fig. 13 - CTR vs. IF Saturated, Normalised to IF = 10 mA,
Tamb = 25 °C
Fig. 14 - Normalized hFE vs. Base Current and Tamb
(Non-Saturated Condition)
Fig. 15 - Normalized hFE vs. Base Current and Tamb
(Saturated Condition)
0
50
100
150
200
250
300
0.1
1.0
10.0
IF (mA)
IL1208
IL1207
IL1206
IL1205
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
10.0
100.0
IF (mA)
IL1208
IL1207
IL1206
IL1205
0
50
100
150
200
250
0.1
1.0
10.0
100.0
IF (mA)
IL1208
IL1207
IL1206
IL1205
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10.0
100.0
IF (mA)
IL1208
IL1207
IL1206
IL1205
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.01
0.1
1
10
100
Base Current (µA)
+ 25 °C
0 °C
+ 50 °C + 110 °C
- 55 °C
VCE = 5 V
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.01
0.1
1
10
100
Base Current (µA)
+ 110 °C
+ 50 °C
0 °C
+ 25 °C
- 55 °C
VCE = 0.4 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com