Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 6 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix IL1208AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83549
306
Rev. 1.7, 08-May-08
IL1205AT/1206AT/1207AT/1208AT
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection in SOIC-8
Package, 110 °C Rated
Fig. 16 - Collector Base Photocurrent vs. IF
Fig. 17 - Cut-Off-Frequency (- 3 dB) vs. Collector Current
Fig. 18 - Switching Time ton, toff vs. Load Resistance
Fig. 19 - Switching Time ton, toff vs.
Load Resistance (100
Ω to 5000 Ω)
Fig. 20 - Switching Time vs. IF
Fig. 21 - Switching Time vs. RBE, IF = 10 mA
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
IF (mA)
- 55 °C
0 °C + 25 °C
+ 50 °C
+ 110 °C
1
10
100
1000
0.1
1
10
100
Ic (mA)
IL1207,
IL1208
0 °C
+ 25 °C
+ 50 °C
VCE = 5 V, Tamb = 25 °C
1
10
100
1000
0
1
10
100
Load Resistance (k
W)
toff
ton
1
10
100
01
10
Load Resistance (k
W)
toff
ton
19281
IF (mA)
0
5
10
15
20
0
2
4
6
8
10
12
14
16
ton
toff
RBE = 500 k, VCE = 5 V
Tamb = + 25 °C
0
5
10
15
20
25
30
10
100
1000
10000
toff
ton
RBE (k
W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com