Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 7 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix IL1208AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 08-May-08
307
IL1205AT/1206AT/1207AT/1208AT
Optocoupler, Phototransistor Output,
with Base Connection in SOIC-8
Package, 110 °C Rated
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
i178003
40°
7°
Pin one ID
5°
max.
ISO method A
0.036 (0.91)
0.014 (0.36)
0.170 (4.32)
0.045 (1.14)
0.260 (6.6)
R 0.010 (0.13)
0.050 (1.27)
0.240
(6.10)
0.050 (1.27) typ.
0.016
(0.41)
0.004 (0.10)
0.008 (0.20)
Lead coplanarity
± 0.0015 (0.04) max.
0.008 (0.20)
0.120 ± 0.005
(3.05 ± 0.13)
C
L
R 0.010
(0.25) max.
0.021 (0.53)
0.154 ± 0.005
(3.91 ± 0.13)
0.015 ± 0.002
(0.38 ± 0.05)
0.192 ± 0.005
(4.88 ± 0.13)
0.020 ± 0.004
(0.51 ± 0.10)
2 places
0.058 ± 0.005
(1.49 ± 0.13)
0.125 ± 0.005
(3.18 ± 0.13)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com