Electronic Components Datasheet Search
  English  ▼

X  

SIP32430 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32430
Description  28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32430 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32430 Datasheet HTML 5Page - Vishay Siliconix SIP32430 Datasheet HTML 6Page - Vishay Siliconix SIP32430 Datasheet HTML 7Page - Vishay Siliconix SIP32430 Datasheet HTML 8Page - Vishay Siliconix SIP32430 Datasheet HTML 9Page - Vishay Siliconix SIP32430 Datasheet HTML 10Page - Vishay Siliconix SIP32430 Datasheet HTML 11Page - Vishay Siliconix SIP32430 Datasheet HTML 12Page - Vishay Siliconix SIP32430 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SiP32430
www.vishay.com
Vishay Siliconix
S15-1442-Rev. A, 15-Jun-15
9
Document Number: 65223
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL WAVEFORMS
Fig. 24 - Turn-ON Time,
VIN = 12 V, CSS = open, RL = 10
Ω, CL = 10 μF
Fig. 25 - Turn-ON Time,
VIN = 12 V, CSS = 47 nF, RL = 10
Ω, CL = 10 μF
Fig. 26 - VIN = 12 V, RL = 82
Ω, RSET = 16.2 kΩ,
Css = 150 nF, COUT = open
Fig. 27 - Turn-OFF Time,
VIN = 12 V, CSS = open, RL = 10
Ω, CL = 10 μF
Fig. 28 - Turn-OFF Time,
VIN = 12 V, CSS = 47 nF, RL = 10
Ω, CL = 10 μF
Fig. 29 - VIN = 12 V, RL = 82
Ω, RSET = 16.2 kΩ,
Css = 150 nF, COUT = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com