Electronic Components Datasheet Search
  English  ▼

X  

SIP32430 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32430
Description  28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32430 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32430 Datasheet HTML 8Page - Vishay Siliconix SIP32430 Datasheet HTML 9Page - Vishay Siliconix SIP32430 Datasheet HTML 10Page - Vishay Siliconix SIP32430 Datasheet HTML 11Page - Vishay Siliconix SIP32430 Datasheet HTML 12Page - Vishay Siliconix SIP32430 Datasheet HTML 13Page - Vishay Siliconix SIP32430 Datasheet HTML 14Page - Vishay Siliconix SIP32430 Datasheet HTML 15Page - Vishay Siliconix SIP32430 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SiP32430
www.vishay.com
Vishay Siliconix
S15-1442-Rev. A, 15-Jun-15
13
Document Number: 65223
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION
Over Current Limit
When an over-current event occurs, the SiP32430 will limit
the current immediately. If the event exceeds 7 ms, the
SiP32430 will turn off the switch. The FLG pin is pulled low
upon the switch off. The SiP32430 will auto restart 150 ms
after the switch off and the recovery from over temperature.
The SiP32430 current limit is set an external resistor
between the ILIM pin and GND. RSET can be selected per the
following table and curve.
Fig. 47 - Current Limit vs. RSET
The current limit trigger level is typically 8 % over the current
limit setting current.
Soft Start
The soft start time can be calculated by the following
formula:
Where:
Δt is the soft start time
ΔVOUT is the output voltage range
ISS is the built-in current source charging the soft start
capacitor CSS. ISS value is 5 μA typical.
CSS is the soft start time setting capacitor.
RSET is the current limit setting resistor.
ROUT is the output load.
Enable
The device is logic high enable. This can be accomplished
by applying a logic high signal to the EN pin. Alternatively
this pin can be hardwired through a resistor divider to the
VIN, thus keeping the switch permanently ON as long as the
supply is present.
FLG
The FLG is an open drain output and will be pulled low under
over temperature or over current conditions.
PG
The PG is an open drain output that will be pulled low when
output voltage reaches 90 % of the VIN.
RSET SELECTION TABLE
RSET
(k
Ω)
CURRENT LIMIT (A)
(SETTLING)
TOL.
(%)
CURRENT LIMIT
TRIGGER POINT
(A)
MIN.
TYP.
MAX.
TYP.
4.22
0.81
1.01
1.21
20
1.12
5.36
0.65
0.81
0.97
20
0.87
7.15
0.49
0.61
0.73
20
0.66
10.2
0.33
0.42
0.50
20
0.46
12
0.28
0.35
0.42
20
0.38
13.3
0.25
0.31
0.37
20
0.35
18.7
0.17
0.21
0.26
20
0.25
24.3
0.11
0.16
0.21
30
0.19
ISS
CSS
ROUT x 3300
RSET
ΔV
OUT
Δt
x
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com