Electronic Components Datasheet Search
  English  ▼

X  

SIP32430 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32430
Description  28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32430 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32430 Datasheet HTML 1Page - Vishay Siliconix SIP32430 Datasheet HTML 2Page - Vishay Siliconix SIP32430 Datasheet HTML 3Page - Vishay Siliconix SIP32430 Datasheet HTML 4Page - Vishay Siliconix SIP32430 Datasheet HTML 5Page - Vishay Siliconix SIP32430 Datasheet HTML 6Page - Vishay Siliconix SIP32430 Datasheet HTML 7Page - Vishay Siliconix SIP32430 Datasheet HTML 8Page - Vishay Siliconix SIP32430 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SiP32430
www.vishay.com
Vishay Siliconix
S15-1442-Rev. A, 15-Jun-15
1
Document Number: 65223
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
28 V, 99 m
Ω, Load Switch
with Programmable Current Limit and Slew Rate Control
OPERATION DESCRIPTION
The SiP32430 is a load switch integrates multiple control
features that simplify the design and increase the reliability
of the circuitry connected to the switch. The SiP32430 is
designed to operate in the 6 V to 28 V range.
An internally generated gate drive voltage ensures low
switch resistance over the wind input voltage operating
range.
The SiP32430 has a slew rate control circuit that programs
the switch turn-on time to the value set by an external
capacitor.
An over-current protection circuit (OCP) continuously
monitors the current through the load switch. When the over
current protection is triggered, the circuit controls the switch
impedance to clamp the current to the level programmed by
an external resistor. The trigger current is typically 8 % over
the set current limit. In case the over-current condition
persists for more than 7 ms, the switch shuts off
automatically.
The SiP32430 has an over temperature protection circuit
(OTP) which will shut the switch off immediately if the
junction temperature exceeds over temperature limit of
typically 150 °C. The OTP circuit will release the switch
when the temperature has decreased by about 20 °C of
hysteresis.
When an OCP or an OTP fault condition is detected the FLG
pin is pulled low. The fault flag will release 150 ms after the
fault condition is cleared, and the switch will automatically
turn on at the programmed slew rate.
The SiP32430 features a low voltage control logic interface
which can be controlled without the need for level shifting. It
also includes a power good flag.
The SiP32430 is available in a space efficient DFN10 of
3 mm x 3 mm package.
FEATURES
• 6 V to 28 V operation
• Programmable soft start
• Programmable current limit
• Over temperature protection
• ON resistance 99 m
Ω
• Power good, when VOUT reaches 90 % of VIN
• OCP / OTP fault flag
• Under voltage lockout: 4.8 V / 5.4 V (typ. / max.)
• If no OTP, auto re-try to soft turn on 150 ms after the
switch protected OFF
• Package: DFN10 3 mm x 3 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Personal computers
• Lighting
• Flat panel displays
• Game consoles
• Industrial
• Network communication
• Data storage
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32430 Typical Application Circuit
Available


Similar Part No. - SIP32430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
SIP32430DN-T1-GE4 VISHAY-SIP32430DN-T1-GE4 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
More results

Similar Description - SIP32430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
logo
Vishay Siliconix
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Monolithic Power System...
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
MP5013A MPS-MP5013A Datasheet
494Kb / 14P
5 V, 5 A Programmable Current-Limit Switch with Over-Voltage Clamp and Slew-Rate Control in TSOT23-8
MP5014A MPS-MP5014A Datasheet
520Kb / 14P
12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
18-Jan-2021
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com