Electronic Components Datasheet Search
  English  ▼

X  

SiP32449 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SiP32449
Description  1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32449 Datasheet(HTML) 1 Page - Vishay Siliconix

  SiP32449 Datasheet HTML 1Page - Vishay Siliconix SiP32449 Datasheet HTML 2Page - Vishay Siliconix SiP32449 Datasheet HTML 3Page - Vishay Siliconix SiP32449 Datasheet HTML 4Page - Vishay Siliconix SiP32449 Datasheet HTML 5Page - Vishay Siliconix SiP32449 Datasheet HTML 6Page - Vishay Siliconix SiP32449 Datasheet HTML 7Page - Vishay Siliconix SiP32449 Datasheet HTML 8Page - Vishay Siliconix SiP32449 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SiP32448, SiP32449
www.vishay.com
Vishay Siliconix
S15-1920-Rev. C, 24-Aug-15
1
Document Number: 62959
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
DESCRIPTION
The SiP32448 and SiP32449 are low resistance slew rate
controlled load switches. The part operates from 1.7 V to
5.5 V supply and can tolerate negative voltage at input to
-2 V. The integrated charge pump drivers enable the part
with low on resistance over the wide input voltage range.
Both SiP32448 and SiP32449 feature a controlled soft-on
slew rate of typical 2.5 ms that limits the inrush current for
designs of heavy capacitive load and minimizes the resulting
voltage droop at the power rails.
The SiP32448 and SiP32449 feature a constant low voltage
control logic interface over the full operation voltage range.
It can interface with low voltage control signals without extra
level shifting circuit. When EN is left open, the part will not
turn on until VIN is greater than 2.5 V.
The SiP32449 has a output discharge to help discharge the
output capacitor during shutdown mode for fast turn off.
The SiP32448 and SiP32449 have exceptionally low
shutdown current and provides reverse blocking to prevent
high current flowing into the power source when the switch
is off or VIN is ground.
Both SiP32448 and SiP32449 are available in TDFN4
package of 1.2 mm x 1.6 mm x 0.55 mm.
FEATURES
• 1.7 V to 5.5 V input voltage range
• Negative input voltage tolerance down to -2 V
• 38 m
 typical R
ON from 1.8 V to 5 V
• 3 A maximum continuous switch current
• Slew rate controlled turn-on: 2.5 ms at 3.6 V
• Constant low control logic: VIH = 1.15 V, VIL = 0.7 V
• 2 V UVLO when EN is open
• Reverse current blocking when switch is off or VIN is ground
• Output discharge (SiP32449)
• ESD protected
- HBM: >6 kV
- MM: >300 V
- IEC61000-4-2 air discharge: >15 kV
- IEC61000-4-2 contact discharge: >8 kV
• Compact TDFN4 package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDAs / smart phones
• Notebook / netbook computers
•Tablet PC
• Portable media players
• Digital camera
• GPS navigation devices
• Data storage devices
• Optical, industrial, medical, and healthcare devices

TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32448, SiP32449 Typical Application Circuit
Available
SiP32448, SiP32449
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
C
2.2 µF
IN
C
1 µF
OUT


Similar Part No. - SiP32449

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32441 VISHAY-SIP32441 Datasheet
239Kb / 11P
3 A, Fault Protected, Slew Rate Controlled Load Switch
17-Aug-15
SiP32441DNP-T1-GE4 VISHAY-SiP32441DNP-T1-GE4 Datasheet
239Kb / 11P
3 A, Fault Protected, Slew Rate Controlled Load Switch
17-Aug-15
More results

Similar Description - SiP32449

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
logo
STMicroelectronics
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
logo
Texas Instruments
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com