Electronic Components Datasheet Search
  English  ▼

X  

SiP32449 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SiP32449
Description  1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32449 Datasheet(HTML) 4 Page - Vishay Siliconix

  SiP32449 Datasheet HTML 1Page - Vishay Siliconix SiP32449 Datasheet HTML 2Page - Vishay Siliconix SiP32449 Datasheet HTML 3Page - Vishay Siliconix SiP32449 Datasheet HTML 4Page - Vishay Siliconix SiP32449 Datasheet HTML 5Page - Vishay Siliconix SiP32449 Datasheet HTML 6Page - Vishay Siliconix SiP32449 Datasheet HTML 7Page - Vishay Siliconix SiP32449 Datasheet HTML 8Page - Vishay Siliconix SiP32449 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SiP32448, SiP32449
www.vishay.com
Vishay Siliconix
S15-1920-Rev. C, 24-Aug-15
4
Document Number: 62959
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Fig. 3 - Functional Block Diagram
DETAILED DESCRIPTION
SiP32448 and SiP32449 are advanced slew rate controlled
high side load switches with an integrated N-channel power
switch. When the device is enabled the gate of the power
switch is turned on at a controlled rate to avoid excessive
inrush current. Once fully on the gate to source voltage of
the power switch is biased at a constant level. The design
gives a flat on resistance throughout the operating voltages.
A special reverse blocking circuitry prevents current flowing
from output to input when the switch is off. The VIN and EN
pin can tolerate -2 V voltage without drawing excessive
current.
APPLICATION INFORMATION
Input Capacitor
In general, under steady state conditions the SiP32448 and
SiP32449 do not require an input capacitor. Nevertheless,
an input bypass capacitor is recommended in order to
reduce the input voltage drop caused by transient inrush
currents. Commonly, a 2.2 μF ceramic capacitor is sufficient
and should be placed in close proximity to VIN and GND
pins. A higher value input capacitor can help to further
reduce
the
voltage
drop.
Ceramic
capacitors
are
recommended for their low ESR characteristic.
Output Capacitor
While these devices work without an output capacitor, a
1 μF or higher value capacitor across VOUT and GND is
recommended in order to handle potential load transient
conditions. In the event that the switch is turning of while
running high current, circuit stray inductances might force
the output to some negative voltage in order to mitigate this
phenomenon a proper output capacitor is required.
Enable
The device is logic high active. Enable pin voltage can
exceed VIN as long as it is within the absolute maximum
rating range. The EN pin is compatible with both TTL and
CMOS logic voltage levels. The part features a constant
control logic threshold over the operation voltage range.
When enable pin is left open, a built-in voltage divider sets
the internal logic. The switch will turn on when the VIN
exceeds the UVLO trip point.
Reverse Voltage Protection
The SiP32448 and SiP32449 contain a reverse blocking
circuitry to protect the current from going to the input from
the output when the switch is off. Reverse blocking works
for input voltage as low as 0 V.
In case the EN pin is left open, the reverse blocking circuitry
will prevents current flow from output pin to input pin if the
output voltage is higher by at least 1 V than the input
voltage.
THERMAL CONSIDERATIONS
The maximum allowed DC Current depends on the thermal
condition in which the device operates. In order to calculate
max allowed DC current, first the max power dissipation
should be considered.
The SiP32448 and SiP32449 are packaged in a TDFN4
1.2 mm x 1.6 mm package which has a thermal resistance of
J-A
a = 170 °C/W.
Note
a. Device mounted with all leads and power pad soldered or
welded to PC board, see PCB layout. For any other layout
configuration the actual junction to ambient thermal impedance
should be considered
The following formula shows the maximum allowed power
dissipation as a function of the ambient temperature TA
when the maximum junction temperature is limited to
TJ (max.) = 125 °C:
For example at ambient temperature of 70 °C, the maximum
power dissipation will be limited to about 324 mW.
Control
Logic
Charge
Pump
Turn-on
Slew Rate
Control
Output
Discharge
Negative
Voltage
Detect / Clamp
GND
EN
V
IN
SiP32448, SiP32449
SiP32449 only
Pmax. =
=
125 - T
A
170
T
J (max.) - TA
θJ-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com