Electronic Components Datasheet Search
  English  ▼

X  

SIP41103 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP41103
Description  Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41103 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP41103 Datasheet HTML 1Page - Vishay Siliconix SIP41103 Datasheet HTML 2Page - Vishay Siliconix SIP41103 Datasheet HTML 3Page - Vishay Siliconix SIP41103 Datasheet HTML 4Page - Vishay Siliconix SIP41103 Datasheet HTML 5Page - Vishay Siliconix SIP41103 Datasheet HTML 6Page - Vishay Siliconix SIP41103 Datasheet HTML 7Page - Vishay Siliconix SIP41103 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 72718
S-
61692–Rev. E, 04-Sep-06
www.vishay.com
5
Vishay Siliconix
SiP41103
FUNCTIONAL BLOCK DIAGRAM
DETAILED OPERATION
PWM
The PWM pin controls the switching of the external
MOSFETs. The driver logic operates in a noninverting
configuration. The PWM input stage should be driven
by a signal with fast transition times, like those pro-
vided by a PWM controller or logic gate, (< 200 ns).
The PWM input functions as a logic input and is not
intended for applications where a slow changing input
voltage is used to generate a switching output when
the input switching threshold voltage is reached.
Enable
The device is enabled by edge sensing of transitions
on PWM, high or low. A minimum PWM frequency of
2 kHz is required to keep the device enabled. When
continuous PWM transitions are present, and after
power-on reset time has elapsed, OUTH and OUTL will
become active.
Low-Side Driver
The supplies for the low-side driver are VDD and GND.
During shutdown, OUTL is held low.
High-Side Driver
The high-side driver is isolated from the substrate to
create a floating high-side driver so that an N-Channel
MOSFET can be used for the high-side switch. The
supplies for the high-side driver are BOOT and LX.
The voltage is supplied by a floating bootstrap capaci-
tor, which is continually recharged by the switching
action of the output. During shutdown OUTH is held
low.
Bootstrap Circuit
The internal bootstrap diode and a bootstrap capacitor
form a charge pump that supplies voltage to the BOOT
pin. An integrated bootstrap diode replaces the exter-
nal Schottky diode and bootstrap only a capacitor is
necessary to complete the circuit. The bootstrap
capacitor is sized according to.
where QGATE is the gate charge needed to turn on the
high-side MOSFET and
ΔV
BOOT-LX is the amount of
droop allowed in the bootstrap supply voltage when
the high-side MOSFET is driven high. The bootstrap
capacitor value is typically 0.1 µF to 1 µF. The boot-
strap capacitor voltage rating must be greater than
VDD + 5 V to withstand transient spikes and ringing.
Shoot-Through Protection
The external MOSFETs are prevented from conduct-
ing at the same time during transitions. Break-before-
make circuits monitor the voltages on the LX pin and
the OUTL pin and control the switching as follows:
When the signal on PWM goes low, OUTH will go low
after an internal propagation delay. After the voltage
Figure 1.
PWM
GND
VDD
OUTH
LX
OUTL
OTP
VDD
BOOT
VBBM
−
+
UVLO
DELAY
ENSYNC
DELAY
CBOOT = (QGate/ΔVBOOT- LX) x 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com